Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F0057 Datasheet(PDF) 12 Page - Holtek Semiconductor Inc

Part # HT45F0057
Description  nduction Cooker Flash MCU
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F0057 Datasheet(HTML) 12 Page - Holtek Semiconductor Inc

Back Button HT45F0057 Datasheet HTML 8Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 9Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 10Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 11Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 12Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 13Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 14Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 15Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 16Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 88 page
background image
Rev. 1.00
1�
��to�e� �0� �01�
Rev. 1.00
13
��to�e� �0� �01�
HT45F0057
Induction Cooker Flash MCU
HT45F0057
Induction Cooker Flash MCU
Power-on Reset Characteristics
�pe�ating Tempe�atu�e: Ta = �5°C� unless othe�wise spe�ify
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VP�R
VDD Sta�t Voltage to Ensu�e Powe�-on Reset
—
—
—
—
100
mV
RRP�R
VDD Raising Rate to Ensu�e Powe�-on Reset
—
—
0.035
—
—
V/ms
tP�R
Minimum Time fo� VDD Stays at VP�R to
Ensu�e Powe�-on Reset
—
—
1
—
—
ms
VDD
tP�R
RRP�R
VP�R
Time
System Architecture
A key factor in the high-performance features of the Holtek range of microcontrollers is attributed
to their internal system architecture. The device takes advantage of the usual features found within
RISC microcontrollers providing increased speed of operation and enhanced performance. The
pipelining scheme is implemented in such a way that instruction fetching and instruction execution
are overlapped, hence instructions are effectively executed in one cycle, with the exception of branch
or call instructions. An 8-bit wide ALU is used in practically all instruction set operations, which
carries out arithmetic operations, logic operations, rotation, increment, decrement, branch decisions,
etc. The internal data path is simplified by moving data through the Accumulator and the ALU.
Certain internal registers are implemented in the Data Memory and can be directly or indirectly
addressed. The simple addressing methods of these registers along with additional architectural
features ensure that a minimum of external components is required to provide a functional I/O and
A/D control system with maximum reliability and flexibility. This makes the device suitable for low-
cost, high-volume production for controller applications.
Clocking and Pipelining
The main system clock, derived from either a HIRC or LIRC oscillator is subdivided into four
internally generated non-overlapping clocks, T1~T4. The Program Counter is incremented at the
beginning of the T1 clock during which time a new instruction is fetched. The remaining T2~T4
clocks carry out the decoding and execution functions. In this way, one T1~T4 clock cycle forms
one instruction cycle. Although the fetching and execution of instructions takes place in consecutive
instruction cycles, the pipelining structure of the microcontroller ensures that instructions are
effectively executed in one instruction cycle. The exception to this are instructions where the
contents of the Program Counter are changed, such as subroutine calls or jumps, in which case the
instruction will take one more instruction cycle to execute.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com