Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F0057 Datasheet(PDF) 66 Page - Holtek Semiconductor Inc

Part # HT45F0057
Description  nduction Cooker Flash MCU
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F0057 Datasheet(HTML) 66 Page - Holtek Semiconductor Inc

Back Button HT45F0057 Datasheet HTML 62Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 63Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 64Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 65Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 66Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 67Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 68Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 69Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 70Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 88 page
background image
Rev. 1.00
66
��to�e� �0� �01�
Rev. 1.00
6�
��to�e� �0� �01�
HT45F0057
Induction Cooker Flash MCU
HT45F0057
Induction Cooker Flash MCU
For the Timer/Event Counter 1 interrupt to occur, the global interrupt enable bit, EMI, the relevant
Multi-function Interrupt enable bit, MFE and the corresponding timer interrupt enable bit, T1E,
must first be set. An actual Timer/Event Counter interrupt will take place when the Timer/Event
Counter request flag, T1F, is set, a situation that will occur when the relevant Timer/Event Counter
overflows. When the interrupt is enabled, the stack is not full and a Timer/Event Counter 1 overflow
occurs, a subroutine call to the relevant timer interrupt vector, will take place. When the interrupt
is serviced, the EMI bit will be automatically cleared to disable other interrupts. however only the
related MFF flag will be automatically cleared. As the Timer/Event Counter 1 interrupt request flag
will not be automatically cleared, it has to be cleared by the application program.
Comparator Interrupt
The comparator interrupt is controlled by three internal comparators. The comparator 1 is an
independent interrupt and the comparator 2/3 is contained within the Multi-function Interrupt.
The comparator 1 interrupt request will take place when the comparator 1 interrupt request flag,
CP1F is set, a situation that will occur when the comparator output bit changes state. To allow the
program to branch to its respective interrupt vector address, the global interrupt enable bit, EMI, and
comparator interrupt enable bit, CP1E, must first be set. When the interrupt is enabled, the stack is
not full and the comparator 1 input generate a comparator output transition, a subroutine call to the
comparator interrupt vector, will take place. When the interrupt is serviced, the comparator interrupt
request flag, will be automatically reset and the EMI bit will be automatically cleared to disable
other interrupts.
The comparator 2/3 interrupt request will take place when the comparator 2/3 interrupt request flags,
CP2F or CP3F, are set, a situation that will occur when the comparator output bit changes state. To
allow the program to branch to its respective interrupt vector address, the global interrupt enable
bit, EMI, the relevant Multi-function Interrupt enable bit, MFE and comparator interrupt enable
bits, CP2E and CP3E, must first be set. When the interrupt is enabled, the stack is not full and the
comparator inputs generate a comparator output transition, a subroutine call to the comparator
interrupt vector, will take place. When the interrupt is serviced, the EMI bit will be automatically
cleared to disable other interrupts. however only the related MFF flag will be automatically cleared.
As the comparator 2/3 interrupt request flag will not be automatically cleared, it has to be cleared by
the application program.
Interrupt Wake-up Function
Each of the interrupt functions has the capability of waking up the microcontroller when in the
Power down Mode. A wake-up is generated when an interrupt request flag changes from low to high
and is independent of whether the interrupt is enabled or not. Therefore, even though the device is in
the Power down Mode and its system oscillator stopped, situations such as external edge transitions
on the external interrupt pin, a low power supply voltage may cause their respective interrupt flag
to be set high and consequently generate an interrupt. Care must therefore be taken if spurious
wake-up situations are to be avoided. If an interrupt wake-up function is to be disabled then the
corresponding interrupt request flag should be set high before the device enters the Power down
Mode. The interrupt enable bits have no effect on the interrupt wake-up function.
Programming Considerations
By disabling the relevant interrupt enable bits, a requested interrupt can be prevented from being
serviced, however, once an interrupt request flag is set, it will remain in this condition in the
interrupt register until the corresponding interrupt is serviced or until the request flag is cleared by
the application program.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com