Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F0057 Datasheet(PDF) 82 Page - Holtek Semiconductor Inc

Part # HT45F0057
Description  nduction Cooker Flash MCU
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F0057 Datasheet(HTML) 82 Page - Holtek Semiconductor Inc

Back Button HT45F0057 Datasheet HTML 78Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 79Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 80Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 81Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 82Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 83Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 84Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 85Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 86Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 88 page
background image
Rev. 1.00
8�
��to�e� �0� �01�
Rev. 1.00
83
��to�e� �0� �01�
HT45F0057
Induction Cooker Flash MCU
HT45F0057
Induction Cooker Flash MCU
SUBM A,[m]
Subtract Data Memory from ACC with result in Data Memory
Description
The specified Data Memory is subtracted from the contents of the Accumulator. The result is
stored in the Data Memory. Note that if the result of subtraction is negative, the C flag will be
cleared to 0, otherwise if the result is positive or zero, the C flag will be set to 1.
Operation
[m] ← ACC − [m]
Affected flag(s)
OV, Z, AC, C
SUB A,x
Subtract immediate data from ACC
Description
The immediate data specified by the code is subtracted from the contents of the Accumulator.
The result is stored in the Accumulator. Note that if the result of subtraction is negative, the C
flag will be cleared to 0, otherwise if the result is positive or zero, the C flag will be set to 1.
Operation
ACC ← ACC − x
Affected flag(s)
OV, Z, AC, C
SWAP [m]
Swap nibbles of Data Memory
Description
The low-order and high-order nibbles of the specified Data Memory are interchanged.
Operation
[m].3~[m].0 ↔ [m].7~[m].4
Affected flag(s)
None
SWAPA [m]
Swap nibbles of Data Memory with result in ACC
Description
The low-order and high-order nibbles of the specified Data Memory are interchanged. The
result is stored in the Accumulator. The contents of the Data Memory remain unchanged.
Operation
ACC.3~ACC.0 ← [m].7~[m].4
ACC.7~ACC.4 ← [m].3~[m].0
Affected flag(s)
None
SZ [m]
Skip if Data Memory is 0
Description
If the contents of the specified Data Memory is 0, the following instruction is skipped. As this
requires the insertion of a dummy instruction while the next instruction is fetched, it is a two
cycle instruction. If the result is not 0 the program proceeds with the following instruction.
Operation
Skip if [m]=0
Affected flag(s)
None
SZA [m]
Skip if Data Memory is 0 with data movement to ACC
Description
The contents of the specified Data Memory are copied to the Accumulator. If the value is zero,
the following instruction is skipped. As this requires the insertion of a dummy instruction
while the next instruction is fetched, it is a two cycle instruction. If the result is not 0 the
program proceeds with the following instruction.
Operation
ACC ← [m]
Skip if [m]=0
Affected flag(s)
None
SZ [m].i
Skip if bit i of Data Memory is 0
Description
If bit i of the specified Data Memory is 0, the following instruction is skipped. As this requires
the insertion of a dummy instruction while the next instruction is fetched, it is a two cycle
instruction. If the result is not 0, the program proceeds with the following instruction.
Operation
Skip if [m].i=0
Affected flag(s)
None



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com