Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F0057 Datasheet(PDF) 37 Page - Holtek Semiconductor Inc

Part # HT45F0057
Description  nduction Cooker Flash MCU
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F0057 Datasheet(HTML) 37 Page - Holtek Semiconductor Inc

Back Button HT45F0057 Datasheet HTML 33Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 34Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 35Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 36Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 37Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 38Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 39Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 40Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 41Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 88 page
background image
Rev. 1.00
36
��to�e� �0� �01�
Rev. 1.00
3�
��to�e� �0� �01�
HT45F0057
Induction Cooker Flash MCU
HT45F0057
Induction Cooker Flash MCU
Timer/Event Counter Registers – TMR0, TMR1, TMR2
The timer registers are special function registers located in the Special Purpose Data Memory and
is the place where the actual timer value is stored. The value in the timer registers increases by one
each time an internal clock pulse is received or an external transition occurs on the external timer
pin. The timer will count from the initial value loaded by the preload register to the full count of
FFH at which point the timer overflows and an internal interrupt signal is generated. Then the timer
value will be reset with the initial preload register value and continue counting.
Note that to achieve a maximum full range count of FFH, all the preload registers must first be
cleared to zero. It should be noted that after power-on, the preload registers will be in an unknown
condition. Note that if the Timer/Event Counter is in an OFF condition and data is written to its
preload register, this data will be immediately written into the actual counter. However, if the
counter is enabled and counting, any new data written into the preload data register during this
period will remain in the preload register and will only be written into the actual counter the next
time an overflow occurs.
Timer Control Registers – TMR0C, TMR1C, TMR2C
The flexible features of the Holtek microcontroller Timer/Event Counters enable them to operate
in several different modes, the options of which are determined by the contents of their respective
control register. The Timer Control Register is known as TMRnC. It is the Timer Control Register
together with its corresponding timer registers that control the full operation of the Timer/Event
Counter. Before the timer can be used, it is essential that the Timer Control Register is fully
programmed with the right data to ensure its correct operation, a process that is normally carried out
during program initialisation.
To choose which of the several modes the timer is to operate in, either in the timer mode, the event
counting mode, the pulse width capture mode or the PPG non-retriggered function mode 0, bits 7
and 6 of the Timer Control Register, which are known as the bit pair T0M1/T0M0 or T1M1/T1M0,
must be set to the required logic levels. The timer-on bit, which is bit 4 of the Timer Control Register
and known as TnON, provides the basic on/off control of the respective timer. Setting the bit high
allows the counter to run. Clearing the bit stops the counter. Bits 0~2 of the Timer Control Register
determine the division ratio of the input clock prescaler. The prescaler bit settings have no effect if
an external clock source is used. If the timer is in the event count or pulse width capture mode, the
active transition edge level type is selected by the logic level of bit 3 of the Timer Control Register
TMR0C which is known as TMR0E.
8-bit Timer/Event Counter
Preload Register
8-bit Timer/Event
Counter (TMR0)
Pulse Width
Mesurement
Mode Control
TMR0ECS
T0M1
T0M0
T0ON
fT0
Data bus
Reload
Overflow to
Interrupt
T0M1
T0M0
TMR0E
MUX
TMR0
INT0
Note: INT0 is inverted or non-inverted de-bounce signal from INT pin or comparator 0 output
“C0VO” by software option.
8-bit Timer/Event Counter 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com