Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F0057 Datasheet(PDF) 62 Page - Holtek Semiconductor Inc

Part # HT45F0057
Description  nduction Cooker Flash MCU
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F0057 Datasheet(HTML) 62 Page - Holtek Semiconductor Inc

Back Button HT45F0057 Datasheet HTML 58Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 59Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 60Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 61Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 62Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 63Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 64Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 65Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 66Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 88 page
background image
Rev. 1.00
6�
��to�e� �0� �01�
Rev. 1.00
63
��to�e� �0� �01�
HT45F0057
Induction Cooker Flash MCU
HT45F0057
Induction Cooker Flash MCU
INTC1 Register
Bit
7
6
5
4
3
2
1
0
Name
—
T�F_ADF
T0F
—
—
T�E_ADE
T0E
—
R/W
—
R/W
R/W
—
—
R/W
R/W
—
P�R
—
0
0
—
—
0
0
—
Bit 7
Unimplemented, read as “0”
Bit 6
T2F_ADF: Timer/Event Counter 2 or A/D converter Interrupt Request Flag
0: No request
1: Interrupt request
Selected by the configuration options
Bit 5
T0F: Timer/Event Counter 0 interrupt request flag
0: No request
1: Interrupt request
Bit 4~3
Unimplemented, read as “0”
Bit 2
T2E_ADE: Timer/Event Counter 2 or A/D converter Interrupt Control
0: Disable
1: Enable
Selected by the configuration options
Bit 1
T0E: Timer/Event Counter 0 Interrupt Control
0: Disable
1: Enable
Bit 0
Unimplemented, read as “0”
MFI Register
Bit
7
6
5
4
3
2
1
0
Name
—
T1F
CP�F
CP3F
—
T1E
CP�E
CP3E
R/W
—
R/W
R/W
R/W
—
R/W
R/W
R/W
P�R
—
0
0
0
—
0
0
0
Bit 7
Unimplemented, read as “0”
Bit 6
T1F: Timer/Event Counter 1 Interrupt Request Flag
0: No request
1: Interrupt request
Bit 5
CP2F: Comparator 2 Interrupt Request Flag
0: No request
1: Interrupt request
Bit 4
CP3F: Comparator 3 Interrupt Request Flag
0: No request
1: Interrupt request
Bit 3
Unimplemented, read as “0”
Bit 2
T1E: Timer/Event Counter 1 Interrupt Control
0: Disable
1: Enable
Bit 1
CP2E: Comparator 2 Interrupt Control
0: Disable
1: Enable
Bit 0
CP3E: Comparator 3 Interrupt Control
0: Disable
1: Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com