Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA4VM21 Datasheet(PDF) 102 Page - Texas Instruments

Part # TDA4VM21
Description  TDA4VM Processors
PDF  331 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4VM21 Datasheet(HTML) 102 Page - Texas Instruments

Back Button TDA4VM21 Datasheet HTML 98Page - Texas Instruments TDA4VM21 Datasheet HTML 99Page - Texas Instruments TDA4VM21 Datasheet HTML 100Page - Texas Instruments TDA4VM21 Datasheet HTML 101Page - Texas Instruments TDA4VM21 Datasheet HTML 102Page - Texas Instruments TDA4VM21 Datasheet HTML 103Page - Texas Instruments TDA4VM21 Datasheet HTML 104Page - Texas Instruments TDA4VM21 Datasheet HTML 105Page - Texas Instruments TDA4VM21 Datasheet HTML 106Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 331 page
background image
5.3.14 EHRPWM
5.3.14.1 MAIN Domain
Table 5-69. EHRPWM Signal Descriptions
SIGNAL NAME [1]
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
EHRPWM_SOCA
EHRPWM Start of Conversion A
O
U25
EHRPWM_SOCB
EHRPWM Start of Conversion B
O
R23
Table 5-70. EHRPWM0 Signal Descriptions
SIGNAL NAME [1]
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
EHRPWM0_A
EHRPWM Output A
IO
V29
EHRPWM0_B
EHRPWM Output B
IO
V27
EHRPWM0_SYNCI
Sync Input to EHRPWM module from an external pin
I
U23
EHRPWM0_SYNCO
Sync Output to EHRPWM module to an external pin
O
U26
EHRPWM_TZn_IN0
EHRPWM Trip Zone Input 0 (active low)
I
V28
Table 5-71. EHRPWM1 Signal Descriptions
SIGNAL NAME [1]
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
EHRPWM1_A
EHRPWM Output A
IO
U28
EHRPWM1_B
EHRPWM Output B
IO
U29
EHRPWM_TZn_IN1
EHRPWM Trip Zone Input 1 (active low)
I
U25
Table 5-72. EHRPWM2 Signal Descriptions
SIGNAL NAME [1]
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
EHRPWM2_A
EHRPWM Output A
IO
U27
EHRPWM2_B
EHRPWM Output B
IO
U24
EHRPWM_TZn_IN2
EHRPWM Trip Zone Input 2 (active low)
I
R23
Table 5-73. EHRPWM3 Signal Descriptions
SIGNAL NAME [1]
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
EHRPWM3_A
EHRPWM Output A
IO
V23
EHRPWM3_B
EHRPWM Output B
IO
W23
EHRPWM3_SYNCI
Sync Input to EHRPWM module from an external pin
I
W28
EHRPWM3_SYNCO
Sync Output to EHRPWM module to an external pin
O
V25
EHRPWM_TZn_IN3
EHRPWM Trip Zone Input 3 (active low)
I
W27
Table 5-74. EHRPWM4 Signal Descriptions
SIGNAL NAME [1]
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
EHRPWM4_A
EHRPWM Output A
IO
W29
EHRPWM4_B
EHRPWM Output B
IO
W26
EHRPWM_TZn_IN4
EHRPWM Trip Zone Input 4 (active low)
I
Y29
Table 5-75. EHRPWM5 Signal Descriptions
SIGNAL NAME [1]
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
EHRPWM5_A
EHRPWM Output A
IO
Y27
EHRPWM5_B
EHRPWM Output B
IO
W24
TDA4VM-Q1, TDA4VM
SPRSP36K – SEPTEMBER 2021 – REVISED APRIL 2024
www.ti.com
102
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TDA4VM-Q1 TDA4VM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com