Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA4VM21 Datasheet(PDF) 103 Page - Texas Instruments

Part # TDA4VM21
Description  TDA4VM Processors
PDF  331 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4VM21 Datasheet(HTML) 103 Page - Texas Instruments

Back Button TDA4VM21 Datasheet HTML 99Page - Texas Instruments TDA4VM21 Datasheet HTML 100Page - Texas Instruments TDA4VM21 Datasheet HTML 101Page - Texas Instruments TDA4VM21 Datasheet HTML 102Page - Texas Instruments TDA4VM21 Datasheet HTML 103Page - Texas Instruments TDA4VM21 Datasheet HTML 104Page - Texas Instruments TDA4VM21 Datasheet HTML 105Page - Texas Instruments TDA4VM21 Datasheet HTML 106Page - Texas Instruments TDA4VM21 Datasheet HTML 107Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 331 page
background image
Table 5-75. EHRPWM5 Signal Descriptions (continued)
SIGNAL NAME [1]
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
EHRPWM_TZn_IN5
EHRPWM Trip Zone Input 5 (active low)
I
W25
5.3.15 USB
5.3.15.1 MAIN Domain
Note
USB3 functionality is available on the SERDES pins. For more information, refer to Section 5.3.16,
SERDES.
Table 5-76. USB0 Signal Descriptions
SIGNAL NAME [1]
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
USB0_DM
USB 2.0 Differential Data (negative)
IO
AJ5
USB0_DP
USB 2.0 Differential Data (positive)
IO
AH6
USB0_DRVVBUS
USB VBUS control output (active high)
O
T25, T26, U6, V4, W3
USB0_ID
USB 2.0 Dual-Role Device Role Select
A
AC6
USB0_RCALIB
(2)
Pin to connect to calibration resistor
A
AB6
USB0_VBUS
(1)
USB Level-shifted VBUS Input
A
AC7
(1)
An external resistor divider is required to limit the voltage applied to the device pin. For more information, see Section 8.3.4, USB
Design Guidelines.
(2)
An external 500 Ω ±1% resistor must be connected between this pin and VSS, even when the pin is unused.
Table 5-77. USB1 Signal Descriptions
SIGNAL NAME [1]
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
USB1_DM
USB 2.0 Differential Data (negative)
IO
AH7
USB1_DP
USB 2.0 Differential Data (positive)
IO
AJ6
USB1_DRVVBUS
USB VBUS control output (active high)
O
T25, T26, U6, V4, W3
USB1_ID
USB 2.0 Dual-Role Device Role Select
A
AD7
USB1_RCALIB
(2)
Pin to connect to calibration resistor
A
AD9
USB1_VBUS
(1)
USB Level-shifted VBUS Input
A
AD8
(1)
An external resistor divider is required to limit the voltage applied to the device pin. For more information, see Section 8.3.4, USB
Design Guidelines.
(2)
An external 500 Ω ±1% resistor must be connected between this pin and VSS, even when the pin is unused.
5.3.16 SERDES
5.3.16.1 MAIN Domain
Table 5-78. SERDES0 Signal Descriptions
SIGNAL NAME [1] (2)
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
PCIE0_CLKREQn
PCIE Clock Request Signal
IO
W2
PCIE_REFCLK0N
PCIE Reference Clock Input/Output (negative)
IO
AE17
PCIE_REFCLK0P
PCIE Reference Clock Input/Output (positive)
IO
AD16
SERDES0_REXT
(1)
External Calibration Resistor
A
AE18
SERDES0_RX0_N
SERDES Differential Receive Data (negative)
I
AH19
SERDES0_RX0_P
SERDES Differential Receive Data (positive)
I
AJ18
SERDES0_RX1_N
SERDES Differential Receive Data (negative)
I
AH18
SERDES0_RX1_P
SERDES Differential Receive Data (positive)
I
AJ17
www.ti.com
TDA4VM-Q1, TDA4VM
SPRSP36K – SEPTEMBER 2021 – REVISED APRIL 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
103
Product Folder Links: TDA4VM-Q1 TDA4VM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com