Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSG14K_CSG8K Datasheet(PDF) 57 Page - OSRAM GmbH

Part # CSG14K_CSG8K
Description  13.8 Mp_8.3 Mp High Speed Global Shutter CMOS Image Sensor
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

CSG14K_CSG8K Datasheet(HTML) 57 Page - OSRAM GmbH

Back Button CSG14K_CSG8K Datasheet HTML 53Page - OSRAM GmbH CSG14K_CSG8K Datasheet HTML 54Page - OSRAM GmbH CSG14K_CSG8K Datasheet HTML 55Page - OSRAM GmbH CSG14K_CSG8K Datasheet HTML 56Page - OSRAM GmbH CSG14K_CSG8K Datasheet HTML 57Page - OSRAM GmbH CSG14K_CSG8K Datasheet HTML 58Page - OSRAM GmbH CSG14K_CSG8K Datasheet HTML 59Page - OSRAM GmbH CSG14K_CSG8K Datasheet HTML 60Page - OSRAM GmbH CSG14K_CSG8K Datasheet HTML 61Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 114 page
background image
Document Feedback
CSG14K_CSG8K
Functional Description
Datasheet
• PUBLIC
DS000571
• v2-01 • 2023-Feb-10
113
│ 56
Figure 59 shows the active pixel readout area and corresponding output image properties.
This example assumes the maximum allowed vertical ROI (2x200 rows) and that OB channel
readout is enabled.
Figure 59:
Recommended ROI Selection and Resulting Output Image Format in IMG.3
Information
●
The recommended sensor control mode for the small window modes is Inline Streaming.
This control mode maximizes the frame rate as it reduces the amount of overhead rows in
a frame. See section 7.8.2 for more information on the Inline Streaming mode.
●
The small window modes can also be operated in any of the other sensor control modes.
12-Bit Binning Mode (IMG.7)
The 12-bit binning mode implements a sensor readout in which the value of 4 pixels are
averaged, prior to ADC conversion. This reduces the readout resolution by 4x, but increases
the full well charge, dynamic range and SNR.
Figure 60 shows the binning schemes for color and monochrome modes. In color mode, the
binning scheme is adapted to preserve the Bayer pattern. The averaged value of 4 binned
pixels is readout on the bottom-left position of the binned square.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com