Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSG14K_CSG8K Datasheet(PDF) 49 Page - OSRAM GmbH

Part # CSG14K_CSG8K
Description  13.8 Mp_8.3 Mp High Speed Global Shutter CMOS Image Sensor
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

CSG14K_CSG8K Datasheet(HTML) 49 Page - OSRAM GmbH

Back Button CSG14K_CSG8K Datasheet HTML 45Page - OSRAM GmbH CSG14K_CSG8K Datasheet HTML 46Page - OSRAM GmbH CSG14K_CSG8K Datasheet HTML 47Page - OSRAM GmbH CSG14K_CSG8K Datasheet HTML 48Page - OSRAM GmbH CSG14K_CSG8K Datasheet HTML 49Page - OSRAM GmbH CSG14K_CSG8K Datasheet HTML 50Page - OSRAM GmbH CSG14K_CSG8K Datasheet HTML 51Page - OSRAM GmbH CSG14K_CSG8K Datasheet HTML 52Page - OSRAM GmbH CSG14K_CSG8K Datasheet HTML 53Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 114 page
background image
Document Feedback
CSG14K_CSG8K
Functional Description
Datasheet
• PUBLIC
DS000571
• v2-01 • 2023-Feb-10
113
│ 48
Figure 50:
State Diagram: Streaming Mode
Because of the nature of the streaming mode, there is no such thing as invalid or special
control timing. Once started, it will be forever looping and all further REQ_EXP and
REQ_FRAME pulses are ignored.
7.2.8
Software Commands
Figure 51:
Software Command Registers
Reg.Name
Bank
Addr
Bits
CMD_REGS.CMD_RST_SOFT_N
0
6
[0]
CMD_REGS.CMD_REQ_EXP
0
6
[1]
CMD_REGS.CMD_REQ_FRAME
0
6
[2]
CMD_REGS.CMD_HALT_BLOCK
0
6
[3]
CMD_REGS.CMD_HALT_NBLOCK
0
6
[4]
The register bits CMD_REQ_EXP and CMD_REQ_FRAME are equivalent to their sensor
input counterparts REQ_EXP and REQ_FRAME. The sensor REQ_EXP and REQ_FRAME
inputs can therefore be tied low to use the register uploads for frame timing control. By setting
the CMD register bit, the respective command is sent to the internal control logic. The CMD
bits are not automatically cleared after a request is progressed, this should be done by the
user. Note that the sensor’s internal registers are updated at the end of the SPI data transfer,
as detailed in section 7.2.4.
1st
EXPOSURE
GLOB
IDLE
RESET
READOUT
(N)
EXPOSURE
(N+1)
rising (REQ_EXP)
after (exposure time)
after (frame time)
after (ExpDelay) **
**
=> ExpDelay = frame time
– exp time
HALT command



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com