Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSG14K_CSG8K Datasheet(PDF) 25 Page - OSRAM GmbH

Part # CSG14K_CSG8K
Description  13.8 Mp_8.3 Mp High Speed Global Shutter CMOS Image Sensor
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

CSG14K_CSG8K Datasheet(HTML) 25 Page - OSRAM GmbH

Back Button CSG14K_CSG8K Datasheet HTML 21Page - OSRAM GmbH CSG14K_CSG8K Datasheet HTML 22Page - OSRAM GmbH CSG14K_CSG8K Datasheet HTML 23Page - OSRAM GmbH CSG14K_CSG8K Datasheet HTML 24Page - OSRAM GmbH CSG14K_CSG8K Datasheet HTML 25Page - OSRAM GmbH CSG14K_CSG8K Datasheet HTML 26Page - OSRAM GmbH CSG14K_CSG8K Datasheet HTML 27Page - OSRAM GmbH CSG14K_CSG8K Datasheet HTML 28Page - OSRAM GmbH CSG14K_CSG8K Datasheet HTML 29Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 114 page
background image
Document Feedback
CSG14K_CSG8K
Functional Description
Datasheet
• PUBLIC
DS000571
• v2-01 • 2023-Feb-10
113
│ 24
Figure 16:
Bias Voltages
Regulator Pin
Type
Bias Pin
Voltage [V]
-
Analog ref
VBGAP
1.24
-
Analog ref
BIAS_IDAC_RES
1.24
VPIX1_L_OUT
Pixel control
VPIX1_L_IN
-0.70
VDD33 (ext)
Pixel control
VPIX4_H_IN
3.30
VPIX1_H_OUT
Pixel control
VPIX1_H_IN
4.13
VPIX3_H_OUT
Pixel control
VPIX3_H_IN
3.83
VPIX2_H_OUT
Pixel control
VPIX2_H_IN
3.53
VPIX4_L_OUT
Pixel control
VPIX4_L_IN
0.73
VSSNEG
Pixel control
VPIX2_L_IN
-1.30
7.2.2
Startup Sequence
After the supply power-up sequence, the general sequence below (also shown in Figure 17)
must be followed to configure and start operating the sensor. Deviating from the order or
timing can lead to the sensor being in an unknown or unstable state.
The sensor hard reset pin, RST_N, must be asserted (‘0’) during the supply ramp-up to
initialize the sensor in the hard reset state. By releasing RST_N (‘1’), the sensor moves to soft
reset state. CLK_IN can be started during either the hard reset or during soft reset state
(there is no relation to the releasing of RST_N). During the soft reset state, the recommended
SPI uploads must be executed (see section 7.4.3). This includes ramping up VDD45 and
VSSNEG, and enabling the PLL, which locks after maximally 1 ms. After the PLL has locked,
the sensor can be moved from soft reset state to idle state through a short SPI upload.
In idle state, the sensor waits for an exposure request to begin grabbing, for example with the
REQ_EXP pin (depending on the configured sensor control mode).
As indicated in the figure, a non-overlap of 1 µs must be respected between each sensor
state change and the next action.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com