Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSG14K_CSG8K Datasheet(PDF) 80 Page - OSRAM GmbH

Part # CSG14K_CSG8K
Description  13.8 Mp_8.3 Mp High Speed Global Shutter CMOS Image Sensor
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

CSG14K_CSG8K Datasheet(HTML) 80 Page - OSRAM GmbH

Back Button CSG14K_CSG8K Datasheet HTML 76Page - OSRAM GmbH CSG14K_CSG8K Datasheet HTML 77Page - OSRAM GmbH CSG14K_CSG8K Datasheet HTML 78Page - OSRAM GmbH CSG14K_CSG8K Datasheet HTML 79Page - OSRAM GmbH CSG14K_CSG8K Datasheet HTML 80Page - OSRAM GmbH CSG14K_CSG8K Datasheet HTML 81Page - OSRAM GmbH CSG14K_CSG8K Datasheet HTML 82Page - OSRAM GmbH CSG14K_CSG8K Datasheet HTML 83Page - OSRAM GmbH CSG14K_CSG8K Datasheet HTML 84Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 114 page
background image
Document Feedback
CSG14K_CSG8K
Functional Description
Datasheet
• PUBLIC
DS000571
• v2-01 • 2023-Feb-10
113
│ 79
Each of these windows is configured with an YWINi register that defines the position, size and
sub-sampling of the window. The 31 bits of each YWINi register span 4 physical SPI
addresses. In the table below, only the start address is given (the upper address being
21+4×i).
The readout direction of all windows can be changed from the default incrementing addresses
(bottom to top) to decrementing addresses (top to bottom) with the YWIN_DIR register. Using
a different setting for this register on both sides of the readout allows for reading out from
center to edge or vice versa.
Figure 95:
Vertical Windows Registers
Register Name
Bank
Addr
Bits
Description
YWIN_ENA
4
28-29
[9:0]
One bit per window
0: Disable
1: Enable
YWIN_BLACK
0
15
[9:0]
One bit per window to control the
‘Electrical Black’ mode
0: Disable
1: Enable
YWIN_DIR
0
17
[0:0]
Direction of readout addresses
0: Count upwards
1: Count downwards
YWINi.SIZE
0
18+4×i
[13:0]
Number of read out rows in window i
YWINi.START
0
18+4×i
[27:14]
Physical address of first row in window i
YWINi.SUBS
0
18+4×i
[30:28]
Row subsampling in window i
Ratio = 1/(2SUBS)
The START address of a window should comply with the values in Figure 94.
Only windows for which the respective bit in YWIN_ENA is set high are actually read out. This
way multiple relevant Y-window specifications can be stored in the register map at the same
time, enabling only the relevant ones.
All enabled windows are concatenated together (the first row of a new window is read
immediately after the last row of the previous). The number of rows actually read in one frame
(= # of DVAL within one FVAL) is the sum of the SIZE fields of all windows enabled by
YWIN_ENA.
The figure below shows an example of using multiple windows.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com