Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSG14K_CSG8K Datasheet(PDF) 35 Page - OSRAM GmbH

Part # CSG14K_CSG8K
Description  13.8 Mp_8.3 Mp High Speed Global Shutter CMOS Image Sensor
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

CSG14K_CSG8K Datasheet(HTML) 35 Page - OSRAM GmbH

Back Button CSG14K_CSG8K Datasheet HTML 31Page - OSRAM GmbH CSG14K_CSG8K Datasheet HTML 32Page - OSRAM GmbH CSG14K_CSG8K Datasheet HTML 33Page - OSRAM GmbH CSG14K_CSG8K Datasheet HTML 34Page - OSRAM GmbH CSG14K_CSG8K Datasheet HTML 35Page - OSRAM GmbH CSG14K_CSG8K Datasheet HTML 36Page - OSRAM GmbH CSG14K_CSG8K Datasheet HTML 37Page - OSRAM GmbH CSG14K_CSG8K Datasheet HTML 38Page - OSRAM GmbH CSG14K_CSG8K Datasheet HTML 39Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 114 page
background image
Document Feedback
CSG14K_CSG8K
Functional Description
Datasheet
• PUBLIC
DS000571
• v2-01 • 2023-Feb-10
113
│ 34
7.2.5
Soft Reset
Figure 31:
Soft Reset Register
Reg.Name
B
Addr
Bits
Description
CMD_REGS.CMD_RST_SOFT_N
0
6
[0]
0: Soft-reset active (brings the sensor in soft-reset
state)
1: Soft-reset inactive
The sensor has an asynchronous reset input pin (RST_N) and an asynchronous reset register
(CMD_RST_SOFT_N). Both are active-low.
When combined, they have the following function:
RST_N: Reset the entire sensor when low. This is considered a hard reset.
CMD_RST_SOFT_N: Reset the entire sensor, except the SPI interface and register
bank when low. This is considered a soft reset.
As long as RST_N is high, all registers retain their value when CMD_RST_SOFT_N is low.
The procedures to assert and release soft reset are described in detail in section 7.4.3.
7.2.6
Controlling Exposure and Readout
This section explains the different ways the exposure of a frame can be started and ended.
First some important concepts of the frame timing model are explained.
Basic Frame Timing
During operation, the sensor can be in any of the following states:
RESET: Asynchronous sensor reset is low, disabling the sensor entirely
IDLE: Sensor is not doing anything while waiting for external requests
EXPOSURE: Light is being integrated in the pixels
GLOB: Closing global shutter by sampling all integrated pixel values
READOUT: Reading out the acquired frame plus meta data and mandatory overhead
A distinction can be made between two basic frame timing operations (sequential and
pipelined operation), as detailed in the following two sections.
Sequential Operation
In sequential operation, the sensor goes through a sequential succession of EXPOSURE -
GLOB - READOUT to grab a single image, as indicated in the figure below. When a cycle like
this has been completed, the sensor is again in an IDLE state, waiting for new commands.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com