Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSG14K_CSG8K Datasheet(PDF) 12 Page - OSRAM GmbH

Part # CSG14K_CSG8K
Description  13.8 Mp_8.3 Mp High Speed Global Shutter CMOS Image Sensor
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

CSG14K_CSG8K Datasheet(HTML) 12 Page - OSRAM GmbH

Back Button CSG14K_CSG8K Datasheet HTML 8Page - OSRAM GmbH CSG14K_CSG8K Datasheet HTML 9Page - OSRAM GmbH CSG14K_CSG8K Datasheet HTML 10Page - OSRAM GmbH CSG14K_CSG8K Datasheet HTML 11Page - OSRAM GmbH CSG14K_CSG8K Datasheet HTML 12Page - OSRAM GmbH CSG14K_CSG8K Datasheet HTML 13Page - OSRAM GmbH CSG14K_CSG8K Datasheet HTML 14Page - OSRAM GmbH CSG14K_CSG8K Datasheet HTML 15Page - OSRAM GmbH CSG14K_CSG8K Datasheet HTML 16Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 114 page
background image
Document Feedback
CSG14K_CSG8K
Electrical Characteristics
Datasheet
• PUBLIC
DS000571
• v2-01 • 2023-Feb-10
113
│ 11
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VOL
Low level output voltage
IOL=12 mA
0.4
V
CI
Input load
3
pF
CO
Output load
20
pF
fCLK_IN
CLK_IN frequency
12
20
MHz
DCCLK_IN
CLK_IN duty cycle
30
50
70
%
fSPI_CLK
SPI input clock frequency
15
MHz
tsetup
SPI setup time
10
ns
thold
SPI hold time
0
ns
tREQ
REQ_FRAME/EXP pulse
width
2 × tCLK_PIX
-
ns
Sub-LVDS Interface
DRHS
Output data rate
0.25
1.25
1.25
Gbit/s
VFCM
Fixed common mode
voltage
0.8
0.9
1
V
VOD
Differential voltage swing
100
150
200
mV
RO
Output impedance
40
100
140
Ohm
DR0
Impedance mismatch
10
%
IOD
Drive current
0.83
2
mA
∆IOD
IOD variation
15
%
tR
VOD rise time (20 %-80 %)
300
400
ps
tF
VOD fall time (80 %-20 %)
300
400
ps
(1)
Current and Power numbers measured in IMG.4 mode (12b default)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com