Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSG14K_CSG8K Datasheet(PDF) 76 Page - OSRAM GmbH

Part # CSG14K_CSG8K
Description  13.8 Mp_8.3 Mp High Speed Global Shutter CMOS Image Sensor
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

CSG14K_CSG8K Datasheet(HTML) 76 Page - OSRAM GmbH

Back Button CSG14K_CSG8K Datasheet HTML 72Page - OSRAM GmbH CSG14K_CSG8K Datasheet HTML 73Page - OSRAM GmbH CSG14K_CSG8K Datasheet HTML 74Page - OSRAM GmbH CSG14K_CSG8K Datasheet HTML 75Page - OSRAM GmbH CSG14K_CSG8K Datasheet HTML 76Page - OSRAM GmbH CSG14K_CSG8K Datasheet HTML 77Page - OSRAM GmbH CSG14K_CSG8K Datasheet HTML 78Page - OSRAM GmbH CSG14K_CSG8K Datasheet HTML 79Page - OSRAM GmbH CSG14K_CSG8K Datasheet HTML 80Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 114 page
background image
Document Feedback
CSG14K_CSG8K
Functional Description
Datasheet
• PUBLIC
DS000571
• v2-01 • 2023-Feb-10
113
│ 75
Despite the naming of the L(ong) and S(hort) groups, it is allowed to have a shorter exposure
time for the L group than for the S group.
Dual exposure mode is also supported in Full External control mode. In this control mode, the
rising edge of REQ_EXP starts the exposure of the L group and the falling edge of REQ_EXP
starts the exposure of S. This behavior is illustrated in Figure 56. If DUAL_EXPOSURE is
low, both groups are started with the rising edge of REQ_EXP.
Minimal Frame Time Constraint
The frame time has a minimum value requirement to guarantee the entire frame readout and
exposure is completed successfully before a new frame starts. This minimum requirement is
captured in the equation:
Equation 6:
������������������������������������ > ������glob + ������������������������������
������������������ℎ: ������������������������������ = ������������������������ ∙ (������������������������������ + ������������������������������������ + ������������������������������������)
The components of this equation are:
Figure 90:
Minimal Frame Time Dependencies
Component
Description
Equation
tframe
Target Frame time (= 1 / max frame rate)
FRAME_TIME
· TU
tglob
Length GLOB state
GLOB_TIME
· TU
trow
Row length
ROW_LENGTH
· tCLK_PIX
Nfval
Number of valid rows in frame
sum(YWINenabled.SIZE)
Ndummy
Number of dummy rows in frame
IMG.3: 3
Others: 7
Nstats
Number of image statistics rows in frame
STAT_NROF_HIST
TU is time unit expressed in seconds, not to be confused with contents of register
TIME_UNIT. The tread component corresponds to the length of the READOUT state used in
section 7.2.6.
In the external control modes, the same frame time equation should be respected to not
interrupt the readout of active frames.
The Ndummy component represents a number of dummy rows read out between the GLOB and
READOUT phase. Depending on the configuration used, this number varies between 3 and 7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com