Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSG14K_CSG8K Datasheet(PDF) 50 Page - OSRAM GmbH

Part # CSG14K_CSG8K
Description  13.8 Mp_8.3 Mp High Speed Global Shutter CMOS Image Sensor
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

CSG14K_CSG8K Datasheet(HTML) 50 Page - OSRAM GmbH

Back Button CSG14K_CSG8K Datasheet HTML 46Page - OSRAM GmbH CSG14K_CSG8K Datasheet HTML 47Page - OSRAM GmbH CSG14K_CSG8K Datasheet HTML 48Page - OSRAM GmbH CSG14K_CSG8K Datasheet HTML 49Page - OSRAM GmbH CSG14K_CSG8K Datasheet HTML 50Page - OSRAM GmbH CSG14K_CSG8K Datasheet HTML 51Page - OSRAM GmbH CSG14K_CSG8K Datasheet HTML 52Page - OSRAM GmbH CSG14K_CSG8K Datasheet HTML 53Page - OSRAM GmbH CSG14K_CSG8K Datasheet HTML 54Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 114 page
background image
Document Feedback
CSG14K_CSG8K
Functional Description
Datasheet
• PUBLIC
DS000571
• v2-01 • 2023-Feb-10
113
│ 49
By using the three registers defined above, the sensor can in theory be controlled with just the
SPI interface plus 2 timing inputs (RST_N and CLK_IN) at the cost of a slightly reduced timing
accuracy (because the registers are loaded via the SPI interface).
The two HALT commands can be used to stop any active sensor operation and return the
sensor to the IDLE state, waiting for new requests. The difference between the two is:
●
CMD_HALT_BLOCK: When asserted, the active READOUT is finished before moving
to IDLE state.
●
CMD_HALT_NBLOCK: When asserted, all the operations are stopped immediately
and the sensor directly moves to IDLE state.
The HALT commands are a good way to get the sensor out of the Streaming control mode
without asserting any reset.
7.3
Sensor Readout Format
The sensor puts out image data in a format similar to the CMV sensor family. Sub-LVDS
channels are used for data transfer, with separate clock and control channels running in
parallel, to be used for data sampling and sync codes.
The CSG14K_CSG8K has sub-LVDS (low voltage differential signaling) outputs to transport
the image data to the surrounding system. Data is read out simultaneously from both sides
(top and bottom) of the pixel array. The sensor has the following channels on each side:
●
8 Data channels
●
1 OB data channel (optional)
●
1 Control channel
●
1 Clock channel
In total, the sensor has 22 sub-LVDS output pairs (2 pins for each sub-LVDS channel). This
means that a total of 44 pins of the CSG14K_CSG8K are used for the sub-LVDS outputs. See
the pin list for the exact pin numbers of the sub-LVDS outputs.
The data channels are used to transfer the pixel data from the sensor to the receiver in the
surrounding system.
The output clock channel transports a clock, synchronous to the data on the other sub-LVDS
channels. This clock should be used at the receiving end to sample the data. This clock is a
DDR clock, which means that the frequency will be half of the output data rate. When
1250 Mbit/s output data rate is used, the sub-LVDS output clock will be 625 MHz.
Information
The top and bottom output channels are not aligned. The user should use the top side
clock and control channels to evaluate the top data channels, and the bottom side clock
and control channels to evaluate the bottom data channels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com