Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSG14K_CSG8K Datasheet(PDF) 99 Page - OSRAM GmbH

Part # CSG14K_CSG8K
Description  13.8 Mp_8.3 Mp High Speed Global Shutter CMOS Image Sensor
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

CSG14K_CSG8K Datasheet(HTML) 99 Page - OSRAM GmbH

Back Button CSG14K_CSG8K Datasheet HTML 95Page - OSRAM GmbH CSG14K_CSG8K Datasheet HTML 96Page - OSRAM GmbH CSG14K_CSG8K Datasheet HTML 97Page - OSRAM GmbH CSG14K_CSG8K Datasheet HTML 98Page - OSRAM GmbH CSG14K_CSG8K Datasheet HTML 99Page - OSRAM GmbH CSG14K_CSG8K Datasheet HTML 100Page - OSRAM GmbH CSG14K_CSG8K Datasheet HTML 101Page - OSRAM GmbH CSG14K_CSG8K Datasheet HTML 102Page - OSRAM GmbH CSG14K_CSG8K Datasheet HTML 103Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 114 page
background image
Document Feedback
CSG14K_CSG8K
Functional Description
Datasheet
• PUBLIC
DS000571
• v2-01 • 2023-Feb-10
113
│ 98
7.8.5
OTP Memory
A non-volatile, one time programmable memory is provided on-chip. This is programmed with
unique device ID and temperature sensor calibration data from both temperature sensors.
During manufacturing, both temperature sensors are read out from the SPI registers in a
controlled environment temperature. The data is then written to the OTP memory.
The OTP memory is organized in 64 addresses of 8 bits each. Only the following registers are
useful for end users.
Figure 126:
OTP Memory Map
OTP Cell Name
Address
Bits
Description
Version
0
[7:0]
Highest bit denotes the version
TSENS1_CONV_MSB
22
[7:0]
Temperature sensor SPI value read when
wafer testing at 60
⁰C.
These values can be used for calibrating the
temperature sensor.
Data from top temperature sensor.
TSENS1_CONV_LSB
23
[7:0]
TSENS1_REF_MSB
24
[7:0]
TSENS1_REF_LSB
25
[7:0]
TSENS2_CONV_MSB
26
[7:0]
Data for bottom temperature sensor.
TSENS2_CONV_LSB
27
[7:0]
TSENS2_REF_MSB
28
[7:0]
TSENS2_REF_LSB
29
[7:0]
Chuck Temperature
30
[7:0]
Temperature of wafer during production
testing. Should be used for temperature
calibration.
Resolution
31
[7:0]
Denotes 8 K or 14 K resolution.
0b 0000 0000 = Virgin state
0b 0000 0001 = 14 K full resolution
0b 0000 0011 = 8 K resolution
0b 0000 01xx = 14 K full resolution
0b 0000 11xx = 8 K resolution
0b 0001 xxxx = 14 K full resolution
0b 0011 xxxx = 8 K resolution
0b 01xx xxxx = 14 K full resolution
0b 11xx xxxx = 8 K resolution
Readout of the OTP registers requires interfacing with following SPI registers.
Figure 127:
OTP SPI Registers
Reg. Name
Bank
Addr
Bits
Description
OTP_CONTROL
3
24
[11:0]
OTP control register
OTP_A
3
26
[8:0]
OTP address
OTP_DOUT
3
28
[7:0]
OTP data out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com