Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSG14K_CSG8K Datasheet(PDF) 97 Page - OSRAM GmbH

Part # CSG14K_CSG8K
Description  13.8 Mp_8.3 Mp High Speed Global Shutter CMOS Image Sensor
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

CSG14K_CSG8K Datasheet(HTML) 97 Page - OSRAM GmbH

Back Button CSG14K_CSG8K Datasheet HTML 93Page - OSRAM GmbH CSG14K_CSG8K Datasheet HTML 94Page - OSRAM GmbH CSG14K_CSG8K Datasheet HTML 95Page - OSRAM GmbH CSG14K_CSG8K Datasheet HTML 96Page - OSRAM GmbH CSG14K_CSG8K Datasheet HTML 97Page - OSRAM GmbH CSG14K_CSG8K Datasheet HTML 98Page - OSRAM GmbH CSG14K_CSG8K Datasheet HTML 99Page - OSRAM GmbH CSG14K_CSG8K Datasheet HTML 100Page - OSRAM GmbH CSG14K_CSG8K Datasheet HTML 101Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 114 page
background image
Document Feedback
CSG14K_CSG8K
Functional Description
Datasheet
• PUBLIC
DS000571
• v2-01 • 2023-Feb-10
113
│ 96
3. The figure also shows a number of bits of the CTR_OUT channel to illustrate what is going
on.
Figure 122:
Timing Diagram: In-Line Streaming Mode
Information
In-line streaming mode is incompatible with these functionalities:
Dual exposure
Synchronized register updates and context switching
Image statistics
Dummy rows
7.8.3
Not-Safe-to-Request Status
Figure 123:
EN_NSF Register
Reg. Name
Bank
Addr
Bits
Description
EN_NSF
0
76
[0:0]
‘0’: Bits 8 and 9 in the CTR word are ‘0’
‘1’: Enable NSFE and NSFR status bits on the control channel
The sensor can indicate through status bits when it is not safe to request a new
frame/exposure or when it will be ignored. This coincides with these invalid and special cases
described in 7.2.7:
FE_i0, FE_i1, FE_i2, FE_i3
PE_i0, PE_s2
TI_s2
In steaming mode, the status bits indicate that the request will be ignored.
SENSOR STATE
CTR:
FVAL
CTR:
DVAL
CTR:
EXP_L
REQ_EXP
CTR:
GLOB
GLOB
IDLE
EXPOSURE
READOUT
GLOB
EXPOSURE
READOUT
GLOB
Shutter
Lag
Shutter
Lag
4 valid rows
overhead extended to
2 rows
fixed delay of 3 rows
EXP_TIME_INL = 3
T(row)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com