Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSG14K_CSG8K Datasheet(PDF) 45 Page - OSRAM GmbH

Part # CSG14K_CSG8K
Description  13.8 Mp_8.3 Mp High Speed Global Shutter CMOS Image Sensor
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

CSG14K_CSG8K Datasheet(HTML) 45 Page - OSRAM GmbH

Back Button CSG14K_CSG8K Datasheet HTML 41Page - OSRAM GmbH CSG14K_CSG8K Datasheet HTML 42Page - OSRAM GmbH CSG14K_CSG8K Datasheet HTML 43Page - OSRAM GmbH CSG14K_CSG8K Datasheet HTML 44Page - OSRAM GmbH CSG14K_CSG8K Datasheet HTML 45Page - OSRAM GmbH CSG14K_CSG8K Datasheet HTML 46Page - OSRAM GmbH CSG14K_CSG8K Datasheet HTML 47Page - OSRAM GmbH CSG14K_CSG8K Datasheet HTML 48Page - OSRAM GmbH CSG14K_CSG8K Datasheet HTML 49Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 114 page
background image
Document Feedback
CSG14K_CSG8K
Functional Description
Datasheet
• PUBLIC
DS000571
• v2-01 • 2023-Feb-10
113
│ 44
Figure 45:
State Diagram: Triggered Internal Mode
When exiting IDLE mode, the behavior is identical to Programmed External mode: a rising
edge on REQ_EXP will initiate the EXPOSURE state, which ends after a register defined
exposure time. When the exposure time expires, a GLOB state is started, followed by
READOUT.
The behavior during the READOUT phase depends on the number of frames that were
requested (also set by register) and the amount of frames that have already been read during
the active sequence:
Last READOUT of requested sequence:
Finish active READOUT and move back to IDLE state
All other READOUT:
Restart EXPOSURE for the next frame. EXPOSURE is started at the correct
moment to make it finish exactly 'frame time' later than the GLOB period was
started.
The end of this EXPOSURE will initiate a new GLOB phase.
Because a GLOB period immediately follows the EXPOSURE period, there will
be exactly 'frame time' delay between two consecutive frames.
An example (with 3 frames requested) is shown in the figure below.
EXPOSURE
GLOB
IDLE
RESET
READOUT
rising (REQ_EXP)
after (exposure time)
1st
EXPOSURE
GLOB
IDLE
RESET
READOUT
(N)
EXPOSURE
(N+1)
rising (REQ_EXP)
after (exposure time)
after (frame time)
last frame read out
after (ExpDelay) **
**
=> ExpDelay = frame time
– exp time
=> No new EXPOSURE during last READOUT
1 frame read out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com