Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSG14K_CSG8K Datasheet(PDF) 104 Page - OSRAM GmbH

Part # CSG14K_CSG8K
Description  13.8 Mp_8.3 Mp High Speed Global Shutter CMOS Image Sensor
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

CSG14K_CSG8K Datasheet(HTML) 104 Page - OSRAM GmbH

Back Button CSG14K_CSG8K Datasheet HTML 100Page - OSRAM GmbH CSG14K_CSG8K Datasheet HTML 101Page - OSRAM GmbH CSG14K_CSG8K Datasheet HTML 102Page - OSRAM GmbH CSG14K_CSG8K Datasheet HTML 103Page - OSRAM GmbH CSG14K_CSG8K Datasheet HTML 104Page - OSRAM GmbH CSG14K_CSG8K Datasheet HTML 105Page - OSRAM GmbH CSG14K_CSG8K Datasheet HTML 106Page - OSRAM GmbH CSG14K_CSG8K Datasheet HTML 107Page - OSRAM GmbH CSG14K_CSG8K Datasheet HTML 108Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 114 page
background image
Document Feedback
CSG14K_CSG8K
Functional Description
Datasheet
• PUBLIC
DS000571
• v2-01 • 2023-Feb-10
113
│ 103
Equation 20:
������������������������������ = ������������������������ + ������������������������ + ������������������������������������������ + 1
With:
●
NCOL is the running number of pixel N in the DVAL pulse (0 for first valid pixel on each
output)
●
NROW is the running number of the DVAL pulse within FVAL (0 for first valid row in each
FVAL)
●
NKERNEL is the number of the originating DPP block that generates pixel N (per side
ranging from 0 to 7)
The result is a 2D gradient (per channel), with a starting offset depending on the kernel
number. The figure below shows an example using NR_OUTP = 4, XSTART = 0,
KSIZE = 960 (NKERNEL is resp. 0, 2, 4, 6).
Figure 132:
Gradient Test Image Pixel Data
The resulting image for YWIN_DIR = 0 is shown in the figure below. Note that the gradient
test image has no relation to the physical pixel array and can contain more rows than the pixel
array. Depending on the setting of OUTP_BITMODE and YWIN_SIZE, the gradient will wrap
around.
DVAL
DATA0_OUT
TP
DATA1_OUT
DATA2_OUT
FVAL
4
(0 + 0 + 4)
2
(0 + 0 + 2)
0
(0 + 0 + 0)
5
(1 + 0 + 4)
3
(1 + 0 + 2)
1
(1 + 0 + 0)
TP
TP
...
...
...
963
(959 + 0 + 4)
961
(959 + 0 + 2)
959
(959 + 0 + 0)
TP
TP
TP
5
(0 + 1 + 4)
3
(0 + 1 + 2)
1
(0 + 1 + 0)
DATA3_OUT
6
(0 + 0 + 6)
7
(1 + 0 + 6)
TP
...
965
(959 + 0 + 6)
TP
7
(0 + 1 + 6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com