Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC44BC373C Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # MC44BC373C
Description  PLL Tuned UHF and VHF Audio/Video High Integration Modulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC44BC373C Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button MC44BC373C Datasheet HTML 17Page - Freescale Semiconductor, Inc MC44BC373C Datasheet HTML 18Page - Freescale Semiconductor, Inc MC44BC373C Datasheet HTML 19Page - Freescale Semiconductor, Inc MC44BC373C Datasheet HTML 20Page - Freescale Semiconductor, Inc MC44BC373C Datasheet HTML 21Page - Freescale Semiconductor, Inc MC44BC373C Datasheet HTML 22Page - Freescale Semiconductor, Inc MC44BC373C Datasheet HTML 23Page - Freescale Semiconductor, Inc MC44BC373C Datasheet HTML 24Page - Freescale Semiconductor, Inc MC44BC373C Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
High Speed I2C Compatible Bus
MC44BC373C/374C Technical Data
14 High Speed I2C Compatible Bus
14.1 Specification Conditions
Unless otherwise specified, Vcc1 =5.0V, TA =25oC.
14.2 Timings Definition
Electrical Characteristics
Min
Typ
Max
Unit
Type
SDA / SCL output current at 0V
——
10
µAA
SDA / SCL low input level
——
1.5
V
B
SDA / SCL high input level
3.0
——
VB
SDA/SCL input current for input level from 0.4V to 0.3Vcc
–5
—
5
µAC
SDA/SCL input level
0
—
Vcc+0,3
V
D
SDA/SCL capacitance
——
10
pF
C
ACK low output level (sinking 3mA)
—
0,3
1
V
A
ACK low output level (sinking 15mA)
——
1.5
V
C
Timing Characteristics
Min
Typ
Max
Unit
Type
Bus clock frequency
0
—
800
kHz
C
Bus free time between stop and start
200
——
ns
C
Setup time for start condition
500
——
ns
C
Hold time for start condition
500
——
ns
C
Data setup time
0
——
ns
C
Data hold time
0
——
ns
C
Setup time for stop condition
500
——
ns
C
Hold time for stop condition
500
——
ns
C
Acknowledge propagation delay
——
300
ns
C
SDA fall time at 3ma sink I and 130pF load
——
50
ns
C
SDA fall time at 3ma sink I and 400pF load
——
80
ns
C
SDA rise time
SCL fall/rise time
—
—
—
—
300
300
ns
ns
C
C
Pulse width of spikes suppressed by the input filter
——
50
ns
C
Tbuf
SSDA
...
...
ACK
Thd;dat
Tsu;dat
Tsu;sto Thd;sta
Tack:low
Start
Stop
SSCL
SCL
SDA
Tsu;sta
Chip Address
SCL
SDA
Thd;sto
Start
Stop
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com