Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC44BC373C Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MC44BC373C
Description  PLL Tuned UHF and VHF Audio/Video High Integration Modulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC44BC373C Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MC44BC373C Datasheet HTML 1Page - Freescale Semiconductor, Inc MC44BC373C Datasheet HTML 2Page - Freescale Semiconductor, Inc MC44BC373C Datasheet HTML 3Page - Freescale Semiconductor, Inc MC44BC373C Datasheet HTML 4Page - Freescale Semiconductor, Inc MC44BC373C Datasheet HTML 5Page - Freescale Semiconductor, Inc MC44BC373C Datasheet HTML 6Page - Freescale Semiconductor, Inc MC44BC373C Datasheet HTML 7Page - Freescale Semiconductor, Inc MC44BC373C Datasheet HTML 8Page - Freescale Semiconductor, Inc MC44BC373C Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
MC44BC373C/374C Technical Data
Features
1 Features
MC44BC373C: Multi-Standard PAL/SECAM/NTSC Modulator
MC44BC374C: PAL/NTSC only Modulator
The channel is set by an on-chip high-speed I2C compatible bus receiver. A Phase-Locked Loop ( PLL )
tunes the modulator over the full UHF range.
The modulator incorporates a sound subcarrier oscillator and uses a second PLL to derive 4.5, 5.5, 6.0,
and 6.5MHz subcarrier frequencies. These frequencies are selectable using the bus.
The modulation standard can be chosen using a control bit that selects between System L or System B/G
(MC44BC373C only).
The picture-to-sound ratio may be adjusted using the bus. In addition, an on-chip video test pattern
generator can be switched ON with a 1 KHz audio test signal.
The MC44BC373C/4C also has the following features:
•
No external varicaps diodes/inductor or tuned components
•
Channel 21-69 UHF operation
•
VHF range possible by internal dividers (30MHz–450MHz)
•
Integrated on-chip programmable UHF oscillator
•
Extremely low external components count
•
High speed read and write I2C-bus compatible (800kHz)
•
Fixed video modulation depth (80% in PAL and 90% in SECAM)
•
Peak White Clip disabled via the bus
•
Programmable picture/sound carrier ratio (12dB and 16dB)
•
Integrated on-chip programmable sound subcarrier oscillator
(4.5MHz to 6.5MHz)—No external varicaps
•
On-chip video test pattern generator with sound test signal (1kHz)
•
Low-power programmable modulator standby mode
•
Transient output inhibit during PLL Lock-up at power-ON
•
Logical Output Port controlled by bus
•
Custom masked versions with unique start-up settings possible
(no I2C bus programming required)
•
Extremely robust ESD protection, minimum 4kV, typical 6kV
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com