Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC44BC373C Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # MC44BC373C
Description  PLL Tuned UHF and VHF Audio/Video High Integration Modulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC44BC373C Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MC44BC373C Datasheet HTML 5Page - Freescale Semiconductor, Inc MC44BC373C Datasheet HTML 6Page - Freescale Semiconductor, Inc MC44BC373C Datasheet HTML 7Page - Freescale Semiconductor, Inc MC44BC373C Datasheet HTML 8Page - Freescale Semiconductor, Inc MC44BC373C Datasheet HTML 9Page - Freescale Semiconductor, Inc MC44BC373C Datasheet HTML 10Page - Freescale Semiconductor, Inc MC44BC373C Datasheet HTML 11Page - Freescale Semiconductor, Inc MC44BC373C Datasheet HTML 12Page - Freescale Semiconductor, Inc MC44BC373C Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
Modulator High Frequency Characteristics
MC44BC373C/374C Technical Data
9 Modulator High Frequency Characteristics
Unless otherwise stated: Vcc=5.0V, Ambient Temperture=25
o C, Video Input 1V
p-p, 10-step grayscale.
RF inputs/outputs into 75Ohm load. SPECIFICATIONS ONLY VALID FOR ENVELOPE
DEMODULATION.
Figure 3. Typical Performance
Parameter
Test Conditions
Min
Typ
Max
Unit
Type
TVOUT output level
Output signal from modulator section
See Figure 3. See Note 2
73
74.5
77
dB
µVB
UHF oscillator frequency
460
—
880
MHz
A
VHF range
From UHF oscillator internally divided
45
—
460
MHz
B
TVOUT output attenuation
During transient output inhibit, or when
ATT bit is set to 1. See Figure 3.
SeeNote2
50
60
—
dBc
B
Sound subcarrier harmonics (Fp
+n∗Fs) Reference picture carrier. See Note 2
—
63
58
dBc
C
Second harmonic of chroma subcarrier
Using red EBU bar. See Note 2
—
—
65
dBc
C
Chroma/Sound intermodulation:
Fp
+ (Fsnd – Fchr)
Using red EBU bar.See Note 2
—
—
65
dBc
C
Fo (picture carrier) harmonics
2nd harmonic: CH21
3rd harmonic: CH21
Other channels: See Figure 3.
See NOTE 1. See Note 2
—
—
35
26
30
22
dBc
C
Out band (picture carrier) spurious
1/2
∗Fo–1/4∗Fo–3/2∗Fo–3/4∗Fo
From 40MHz to 1GHz. See Note 2
—0
10
dB
µVC
In band spurious (Fo ± 5MHz)
No video sound modulation.See Note 2
—
—
60
dBc
C
Note:
1: Picture carrier harmonics are highly dependant on PCB layout and decoupling capacitors.
Note:
2: See “Characterization Measurement Conditions” on page 12.
TV Outp ut Le v e l
72
73
74
75
76
77
78
47 1 52 1 5 71 621 67 1 72 1 7 71 821 871
Fr e que nc y (M hz )
T V Ou tp u t A t te n u a t io n
45
50
55
60
65
70
75
471 521 571 621 671 721 771 821 871
Fr e q u e n c y ( M h z )
3Fo Har m o n ics
15
20
25
30
35
40
45
47 1 521 571 621 671 721 771 821 871
Fr e que nc y ( M h z )
2Fo Har m o n ics
15
20
25
30
35
40
47 1 521 571 621 671 721 771 821 871
Fr e que ncy ( M h z)
Typical
Maximum specification
Typical
Typical
Typical
Minimum specification
Maximum specification
Maximum specification
Maximum specification
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com