Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC44BC373C Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # MC44BC373C
Description  PLL Tuned UHF and VHF Audio/Video High Integration Modulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC44BC373C Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MC44BC373C Datasheet HTML 4Page - Freescale Semiconductor, Inc MC44BC373C Datasheet HTML 5Page - Freescale Semiconductor, Inc MC44BC373C Datasheet HTML 6Page - Freescale Semiconductor, Inc MC44BC373C Datasheet HTML 7Page - Freescale Semiconductor, Inc MC44BC373C Datasheet HTML 8Page - Freescale Semiconductor, Inc MC44BC373C Datasheet HTML 9Page - Freescale Semiconductor, Inc MC44BC373C Datasheet HTML 10Page - Freescale Semiconductor, Inc MC44BC373C Datasheet HTML 11Page - Freescale Semiconductor, Inc MC44BC373C Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
MC44BC373C/374C Technical Data
I2C Programming
WRITE MODE: Test Mode 2
NOTE:
Test modes 1 and 2 are intended for manufacturing test purposes only and
cannot be used for normal applications, except for VHF range (states 1.b
to 1.e)
READ MODE
X5
X4
X3
State
Description
0
0
0
2.a
Normal operation
0
0
1
2.b
Test pattern generator DC verification (Test pattern DC test mode available)
010
2.c
Program divider test (UHF program divider on PLLFILT pin and sound program
divider on SPLLFIL pin)
0
1
1
2.d
Reference divider test (UHF reference divider on PLLFILT pin)
100
2.e
UHF phase comparison, upper source on PLLFILT pin
Sound phase comparison 10
µA upper source on SPLLFIL
(Only valid during transient output inhibit.)
101
2.f
UHF phase comparison, lower source on PLLFILT pin
Sound phase comparison 10
µA lower source on SPLLFIL
(Only valid during transient output inhibit.)
110
2.g
Sound phase comparison 1
µA upper source on SPLLFIL
(Not valid during transient output inhibit.)
111
2.h
Sound phase comparison 1
µA lower source on SPLLFIL
(Not valid during transient output inhibit.)
OOR
Description
0
Normal operation, VCO in range
1
VCO out of range
Y1
Description
0
VCO out of range, frequency too low, only valid if OOR=1
1
VCO out of range, frequency too high, only valid if OOR=1
Y2
Description
0
High VCO is active
1Low VCO is active
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com