Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC44BC373C Datasheet(PDF) 20 Page - Freescale Semiconductor, Inc

Part # MC44BC373C
Description  PLL Tuned UHF and VHF Audio/Video High Integration Modulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC44BC373C Datasheet(HTML) 20 Page - Freescale Semiconductor, Inc

Back Button MC44BC373C Datasheet HTML 16Page - Freescale Semiconductor, Inc MC44BC373C Datasheet HTML 17Page - Freescale Semiconductor, Inc MC44BC373C Datasheet HTML 18Page - Freescale Semiconductor, Inc MC44BC373C Datasheet HTML 19Page - Freescale Semiconductor, Inc MC44BC373C Datasheet HTML 20Page - Freescale Semiconductor, Inc MC44BC373C Datasheet HTML 21Page - Freescale Semiconductor, Inc MC44BC373C Datasheet HTML 22Page - Freescale Semiconductor, Inc MC44BC373C Datasheet HTML 23Page - Freescale Semiconductor, Inc MC44BC373C Datasheet HTML 24Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
MC44BC373C/374C Technical Data
Modulator Description
13.11 Sound Section
The multivibrator oscillator is fully integrated and does not require any external components. An internal
low-pass filter and matched structure give a very low harmonics level.
The sound modulator system consists of the following two types:
•
An FM modulator incorporating the sound subcarrier oscillator
•
An AM modulator (MC44BC373C only)
The audio input signal is AC-coupled into the amplifier, which then drives both types of modulator.
The audio pre-emphasis circuit is a high-pass filter with an external capacitor and an internal resistor
(100 kOhms ). The recommended capacitor value (470pF ) is for BG standard; time constant is 50
µS.
13.12 Test Pattern Generator
The IIC generates a simple test pattern, which can be switched under bus control to permit a TV receiver to
easily tune to the modulator output. The pattern consists of two white vertical bars on a black background
and a 976Hz audio test signal.
Table 1. Test Pattern Generator
10
20
30
40
50
60
0
64
TE1
24 28
44
TIME IN µS.
7/10
3/10
TE2
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com