Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC44BC373C Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MC44BC373C
Description  PLL Tuned UHF and VHF Audio/Video High Integration Modulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC44BC373C Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MC44BC373C Datasheet HTML 2Page - Freescale Semiconductor, Inc MC44BC373C Datasheet HTML 3Page - Freescale Semiconductor, Inc MC44BC373C Datasheet HTML 4Page - Freescale Semiconductor, Inc MC44BC373C Datasheet HTML 5Page - Freescale Semiconductor, Inc MC44BC373C Datasheet HTML 6Page - Freescale Semiconductor, Inc MC44BC373C Datasheet HTML 7Page - Freescale Semiconductor, Inc MC44BC373C Datasheet HTML 8Page - Freescale Semiconductor, Inc MC44BC373C Datasheet HTML 9Page - Freescale Semiconductor, Inc MC44BC373C Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
MC44BC373C/374C Technical Data
I2C Bit Mapping
7I2C Bit Mapping
WRITE MODE
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
ACK
CA—CHIP ADDRESS
11001010
ACK
C1—High Order Bits
1
0
SO
LOP
PS
X3
X2
SYSL
ACK
C0—Low Order Bits
PWC
OSC
ATT
SFD1
SFD0
TB1
X5
X4
ACK
FM—High Order Bits
0
TPEN
N11
N10
N9
N8
N7
N6
ACK
FL—Low Order Bits
N5
N4
N3
N2
N1
N0
X1
X0
ACK
READ MODE
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
ACK
CHIP ADDRESS
11001011
ACK
R—Status Byte
—————
Y2
Y1
OOR
-
Bit Name
Description
PWC
Peak White Clip enable/disable
OSC
UHF oscillator ON/OFF
ATT
Modulator output attenuated—sound and video modulators ON/OFF
SFD0, 1
Sound subcarrier frequency control bits
TB1
Test mode bit—bus format compatible with MC44353
SO
Sound Oscillator ON/OFF
LOP
Logic Output Port
PS
Picture-to-sound carrier ratio
SYSL
System L enable—selects AM sound and positive video modulation (MC44BC373C only)
TPEN
Test pattern enable—picture and sound
X5…X0
Test mode bits—All bits are 0 for normal operation (see Test Mode tables, page 6 & page 7)
N0…N11
UHF frequency programming bits, in steps of 250kHz
OOR
RF oscillator out-of-frequency range information
Y1, Y2
RF oscillator operating range information
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com