Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC44BC373C Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MC44BC373C
Description  PLL Tuned UHF and VHF Audio/Video High Integration Modulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC44BC373C Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MC44BC373C Datasheet HTML 1Page - Freescale Semiconductor, Inc MC44BC373C Datasheet HTML 2Page - Freescale Semiconductor, Inc MC44BC373C Datasheet HTML 3Page - Freescale Semiconductor, Inc MC44BC373C Datasheet HTML 4Page - Freescale Semiconductor, Inc MC44BC373C Datasheet HTML 5Page - Freescale Semiconductor, Inc MC44BC373C Datasheet HTML 6Page - Freescale Semiconductor, Inc MC44BC373C Datasheet HTML 7Page - Freescale Semiconductor, Inc MC44BC373C Datasheet HTML 8Page - Freescale Semiconductor, Inc MC44BC373C Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
Ordering Information
Device
Temp Range
Package
MC44BC373CD,R2
MC44BC374CD,R2
MC44BC373CDTB,R2
MC44BC374CDTB,R2
-20°C to +85°C
-20°C to +85°C
-20°C to +85°C
-20°C to +85°C
SO16NB
SO16NB
TSSOP16
TSSOP16
NOTE: For tape and reel, add R2 suffix.
SO16NB Package TSSOP16 Package
This document contains information on a product under developmentFreescale. Freescale. reserves the right to change or
discontinue this product without notice. © Freescale Semiconductor, Inc., 2002. All rights reserved.
MC44BC373C/374C
The modulators are for use in VCRs, set-top boxes, and similar devices.
Figure 1 shows the pin connections.
Figure 1. MC44BC373C/4C Pin Connections
GNDD
VCCD
XTAL
GND
TVOVCC
AUDIO
GND
PLLFLT
SDA
SCL
LOP
PREEM
TVOUT
VCCA
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
SPLFLT
VIDEO
Technical Data
MC44BC373C/D
Rev. 3.1 7/2002
MC44BC373C/374C
PLL Tuned UHF and
VHF Audio/Video High
Integration Modulator
Contents List
1 Features ... ... .. ... .. 2
2 Device Overview . ... .. 3
3 Maximum Ratings ... .. 4
4 Thermal Rating .. ... .. 4
5 Electrostatic Discharge 4
6Electrical
Characteristics
5
7 I2C Bit Mapping .. ... .. 6
8 I2C Programming . . . . . 7
9 Modulator High
Frequency
Characteristics
9
10 Video Characteristics . 10
11 Audio Characteristics . 11
12 Characterization
Measurement
Conditions
12
13 Modulator Description 17
14 High Speed I2C
Compatible Bus
21
15 Pin Circuit
Schematics
24
16 Application and Case
Diagrams
25
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC44BC373C

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC44BC373 MOTOROLA-MC44BC373 Datasheet
635Kb / 24P
Multi-Standard or PAL/ NTSC Modulator with integrated antenna booster/splitter ICs
MC44BC373DTB MOTOROLA-MC44BC373DTB Datasheet
635Kb / 24P
Multi-Standard or PAL/ NTSC Modulator with integrated antenna booster/splitter ICs
More results

Similar Description - MC44BC373C

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC44BC375 MOTOROLA-MC44BC375 Datasheet
537Kb / 20P
PLL Tuned VHF Audio/ Video High Integration Modulator ICs
MC44BS373CA MOTOROLA-MC44BS373CA Datasheet
637Kb / 52P
PLL-Tuned UHF and VHF Audio/Video High-Integration Modulator
logo
Freescale Semiconductor...
MC44BS374T1 FREESCALE-MC44BS374T1 Datasheet
1Mb / 34P
PLL Tuned UHF and VHF Audio/Video High Integration Modulator
MC44BC375UA FREESCALE-MC44BC375UA Datasheet
3Mb / 26P
PLL Tuned VHF Audio/Video High Integration IC
MC44BS373CA FREESCALE-MC44BS373CA Datasheet
880Kb / 52P
PLL-Tuned UHF and VHF Audio/Video High-Integration Modulator
MC44BC374T1 FREESCALE-MC44BC374T1 Datasheet
659Kb / 26P
PLL Tuned PAL/NTSC UHF and VHF Audio/Video High Integration Modulator IC
MC44BC375 FREESCALE-MC44BC375 Datasheet
558Kb / 20P
PLL Tuned VHF Audio/Video High Integration Modulator ICs
MC44BC375U FREESCALE-MC44BC375U Datasheet
617Kb / 16P
PLL Tuned VHF (Channel 3 / 4)Audio / Video Modulator
MC44CC375AV FREESCALE-MC44CC375AV Datasheet
313Kb / 16P
PLL Tuned VHF (Channel 3 / 4)Audio / Video Modulator
logo
NXP Semiconductors
MC44BC375 NXP-MC44BC375 Datasheet
626Kb / 20P
MC44BC375/U/J/T PLL Tuned VHF Audio/Video High Integration Modulator ICs
Rev. 2.6 01/2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com