Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC44BC373C Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # MC44BC373C
Description  PLL Tuned UHF and VHF Audio/Video High Integration Modulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC44BC373C Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MC44BC373C Datasheet HTML 7Page - Freescale Semiconductor, Inc MC44BC373C Datasheet HTML 8Page - Freescale Semiconductor, Inc MC44BC373C Datasheet HTML 9Page - Freescale Semiconductor, Inc MC44BC373C Datasheet HTML 10Page - Freescale Semiconductor, Inc MC44BC373C Datasheet HTML 11Page - Freescale Semiconductor, Inc MC44BC373C Datasheet HTML 12Page - Freescale Semiconductor, Inc MC44BC373C Datasheet HTML 13Page - Freescale Semiconductor, Inc MC44BC373C Datasheet HTML 14Page - Freescale Semiconductor, Inc MC44BC373C Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
Audio Characteristics
MC44BC373C/374C Technical Data
11 Audio Characteristics
Unless otherwise stated: Vcc=5.0V, Ambient Temperture=25
o C, Video Input 1V
p-p, 10-step grayscale.
RF inputs/outputs into 75Ohm load. SPECIFICATIONS ONLY VALID FOR ENVELOPE
DEMODULATION.
Figure 5. Typical Performances
Parameter
Test Conditions
Min
Typ
Max
Unit
Type
Picture-to-Sound ratio
PS bit set to 0
PS bit set to 1
13
9
16
12
19
15
dB
B
Audio modulation depth
Using specific pre-emphasis circuit,
audio input level=205mVrms–audio frequency=1kHz
AM modulation: SECAM Fs=6.5MHz
—
80
—
%
B
FM modulation: Fs=5.5, 6 or 6.5MHz
100% modulation=±50kHz FM deviation
—80
—
%
B
FM modulation: NTSC Fs=4.5MHz
100% modulation=±25kHz FM deviation
—80
—
%
B
Audio input resistance
45
53
61
K
Ω
A
Audio Frequency response
Reference 0dB at 1kHz,
using specified pre-emphasis circuit,
measure from 50Hz to 15kHz
–2.5
—
+2dB
C
Audio Distortion FM (THD only)
at 1kHz, 100% modulation (
±50kHz)
No video
—0.4
2
%
C
Audio Distortion AM (THD only)
at 1kHz, 100% modulation
No video
—1.5
2.5
%
D
Audio S/N with Sync Buzz FM
Ref 1Khz, 50% modulation (+/-25Khz)
EBU color bars Video signal,
using CCIR 468.2 weighting filter
48
53
—
dB
C
Audio S/N with Sync Buzz AM
Reference 1kHz, 85% modulation
Video input EBU color bar 75%
Audio BW 40Hz—15kHz
Weighting filter CCIR 468-2
45
50
—
dB
D
AudioSignal toNois e
46
48
50
52
54
56
58
471 521 571 621 671 721 771 821 871
Fr e que ncy (M hz )
Typical
Minimum specification
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com