Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC44BC373C Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # MC44BC373C
Description  PLL Tuned UHF and VHF Audio/Video High Integration Modulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC44BC373C Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MC44BC373C Datasheet HTML 1Page - Freescale Semiconductor, Inc MC44BC373C Datasheet HTML 2Page - Freescale Semiconductor, Inc MC44BC373C Datasheet HTML 3Page - Freescale Semiconductor, Inc MC44BC373C Datasheet HTML 4Page - Freescale Semiconductor, Inc MC44BC373C Datasheet HTML 5Page - Freescale Semiconductor, Inc MC44BC373C Datasheet HTML 6Page - Freescale Semiconductor, Inc MC44BC373C Datasheet HTML 7Page - Freescale Semiconductor, Inc MC44BC373C Datasheet HTML 8Page - Freescale Semiconductor, Inc MC44BC373C Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
Electrical Characteristics
MC44BC373C/374C Technical Data
6 Electrical Characteristics
•
A = 100% tested
•
B = 100% Correlation tested
•
C = Characterized on samples
•
D = Design parameter
See Characterization conditions section for each “C” type parameter
6.1 Specification Conditions
Unless otherwise stated: Vcc=5.0V, Ambient Temperture=25
o C, Video Input 1V
p-p, 10-step grayscale.
RF output into 75 Ohm load. SPECIFICATIONS ONLY VALID FOR ENVELOPE DEMODULATION.
Parameter
Min
Typ
Max
Unit
Notes
Type
Operating supply voltage range
4.5
5.0
5.5
V
B
Total supply current
44
52
60
mA
All sections active
A
Total standby mode supply current
3
6
9
mA
OSC, SO, ATT=1
Bus Section active
A
Test pattern sync pulse width
3
4.7
6.5
µSB
Sound comparator charge pump current
During locking
When locked
7
0.7
10
1
12
1.5
µA
µA
A
A
RF comparator charge pump current
60
100
150
µAA
Crystal oscillator stability—negative resistance
1
—
—
K
Ω
D
Logic Output Port
Saturation voltage at I=2mA
Leakage current
—
—
160
—
300
1
mV
µA
A
A
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com