Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC44BC373C Datasheet(PDF) 17 Page - Freescale Semiconductor, Inc

Part # MC44BC373C
Description  PLL Tuned UHF and VHF Audio/Video High Integration Modulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC44BC373C Datasheet(HTML) 17 Page - Freescale Semiconductor, Inc

Back Button MC44BC373C Datasheet HTML 13Page - Freescale Semiconductor, Inc MC44BC373C Datasheet HTML 14Page - Freescale Semiconductor, Inc MC44BC373C Datasheet HTML 15Page - Freescale Semiconductor, Inc MC44BC373C Datasheet HTML 16Page - Freescale Semiconductor, Inc MC44BC373C Datasheet HTML 17Page - Freescale Semiconductor, Inc MC44BC373C Datasheet HTML 18Page - Freescale Semiconductor, Inc MC44BC373C Datasheet HTML 19Page - Freescale Semiconductor, Inc MC44BC373C Datasheet HTML 20Page - Freescale Semiconductor, Inc MC44BC373C Datasheet HTML 21Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
Modulator Description
MC44BC373C/374C Technical Data
13 Modulator Description
13.1 Power ON Settings
At power-ON, the MC44BC373C/4C configuration is as follows:
These settings can be customized in special masked version.
13.2 Power Supply
The three device Vccs (pins 10, 13, 15) must be applied at the same time to ensure all internal blocks are
correctly biased. All other pins must not be biased before Vcc is applied to device.
13.3 Standby modes
During standby mode, the modulator is switched to low power consumption: the sound oscillator, UHF
oscillator, video and sound modulator sections bias are internally turned OFF.
The IIC bus section remains active.
Modulator can be programmed in standby mode with combination of 3 bits:OSC=1, SO=1 and ATT=1
13.4 System L or B / G Selection
SYSL bit internally switches the following functions:
•
SYSL = 0 enables B/G system
— Video modulation polarityNegative
— Video modulation depth80% Typical (See “Video Characteristics” on page 10.)
— Sound modulation typeFM
•
SYSL = 1 enables L system
— Video modulation polarityPositive
— Video modulation depth90% Typical (See “Video Characteristics” on page 10.)
— Sound modulation typeAM
WRITE MODE
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
ACK
C1—High Order Bits
10000000
ACK
C0—Low Order Bits
00001000
ACK
FM—High Order Bits
0
0
N11
N10
N9N8N7N6
ACK
FL—Low Order Bits
N5
N4
N3
N2
N1
N0
0
0
ACK
Note:
N0 to N11 are set to have UHF oscillator on channel 36 ( 591.25MHz).
Note:
Peak White Clip is ON.
Note:
Sound frequency is 5.5MHz.
Note:
Logic Output Port is low voltage.
Note:
Picture to sound ratio is 12dB.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com