Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC44BC373C Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # MC44BC373C
Description  PLL Tuned UHF and VHF Audio/Video High Integration Modulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC44BC373C Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MC44BC373C Datasheet HTML 3Page - Freescale Semiconductor, Inc MC44BC373C Datasheet HTML 4Page - Freescale Semiconductor, Inc MC44BC373C Datasheet HTML 5Page - Freescale Semiconductor, Inc MC44BC373C Datasheet HTML 6Page - Freescale Semiconductor, Inc MC44BC373C Datasheet HTML 7Page - Freescale Semiconductor, Inc MC44BC373C Datasheet HTML 8Page - Freescale Semiconductor, Inc MC44BC373C Datasheet HTML 9Page - Freescale Semiconductor, Inc MC44BC373C Datasheet HTML 10Page - Freescale Semiconductor, Inc MC44BC373C Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
I2C Programming
MC44BC373C/374C Technical Data
8I2C Programming
WRITE MODE: Test Mode 1 and VHF Range
X2
X1
X0
State
Description
0
0
0
1.a
Normal operation
0
0
1
1.b
RF frequency divided for low frequency testing or VHF range: RF/2
010
1.c
RF/4
011
1.d
RF/8
100
1.e
RF/16
1
0
1
1.f
DC drive applied to modulators: Non-inverted video at TVOUT
1
1
0
1.g
DC drive applied to modulators: Inverted video at TVOUT
111
1.h
Transient output inhibit disabled (ie speed up mode)
During this speed-up test mode, ATT=0 forces sound current source to 1
µA, and
ATT=1forces itto10
µA.
Sound
Video
SFD1
SFD0
Sound Subcarrier Freq (MHz)
00
4.5
01
5.5
10
6.0
11
6.5
PS
Picture-to-Sound Ratio (dB)
012
116
SO
Sound Oscillator
0
Sound oscillator ON (Normal mode)
1
Sound oscillation disabled (oscillator and PLL
section bias turned OFF)
SYSL
System L/BG Selection
(MC44BC373C only)
0
System B/G enabled, System L disabled (FM
sound and negative video modulation)
1
System L enabled, System B/G disabled (AM
sound and positive video modulation)
PWC
Peak White Clip
0
Peak White Clip ON (System B/G)
1
Peak White Clip OFF (System L)
TPEN
Test Pattern Signal
0
Test pattern signal OFF (normal operation)
UHF
Standby Mode
MC44353 /4/5 Compatibility
Logic Output Port
OSC
UHF Oscillator
0
Normal operation
1
UHF oscillator disabled (oscillator and PLL
sections bias turned OFF)
ATT
Modulator Output Attenuation
0
Normal operation
1
Modulator output attenuation (sound and
video modulators sections bias turned OFF.
OSC
SO
ATT
Combination of 3-bits
1
1
1
Modulator standby mode
TB1
Description
0
Normal mode (Full programmability)
1
Limited programmability and compatibility with
MC44353
LOP
Description
0
Pin 3 is low voltage
1
Pin 3 is high impedance
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com