Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58PR001LE Datasheet(PDF) 115 Page - STMicroelectronics

Part # M58PR001LE
Description  256-Mbit, 512-Mbit or 1-Gbit (횞 16, multiple bank, multilevel, burst) 1.8 V supply Flash memories
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58PR001LE Datasheet(HTML) 115 Page - STMicroelectronics

Back Button M58PR001LE Datasheet HTML 111Page - STMicroelectronics M58PR001LE Datasheet HTML 112Page - STMicroelectronics M58PR001LE Datasheet HTML 113Page - STMicroelectronics M58PR001LE Datasheet HTML 114Page - STMicroelectronics M58PR001LE Datasheet HTML 115Page - STMicroelectronics M58PR001LE Datasheet HTML 116Page - STMicroelectronics M58PR001LE Datasheet HTML 117Page - STMicroelectronics M58PR001LE Datasheet HTML 118Page - STMicroelectronics M58PR001LE Datasheet HTML 119Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 115 / 119 page
background image
M58PR256LE, M58PR512LE, M58PR001LE
Command interface state tables
115/119
Table 55.
Command interface states - modify table, next output 1
Current chip state
command input to chip and resulting chip next state
Read
Array
Read
EFA
Block
WP
EFA WP
BP
Erase
Setup
EFA
Block
Erase
Setup
BEFP
Setup
Confirm,
Resume
Program/
Erase
Suspend
Read
Status
FFh
94h
41h
44h
E9h
20h
24h
80h
D0h
B0h
70h
BEFP Setup,
BEFP program and
verify busy,
Erase Setup,
Erase EFA setup
OTP Setup,
BP Confirm,
WP setup,
WP setup in ES,
BP confirm in ES,
blank check setup
status read
EFA block WP setup,
EFA block program
setup in ES
EFA block status read
Lock/CR/ECR setup,
Lock/CR/ECR setup in
ES
status read
EFA block lock setup,
EFA block lock setup in
ES
EFA block status read
OTP busy
read
array
read
EFA
blocks
status
read
EFA block
status
read
output state
does not
change
status
read
EFA
block
status
read
status
read
output state does not
change
status
read
ready, ES, BP suspend,
WP busy, erase busy, BP
busy, BP busy in ES,
WP suspend, WP busy in
ES,
PS in ES,
BP suspend in ES, Blank
Check busy
BP setup, BP load 1,
BP load 2, IS
output state does not change



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com