Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58PR001LE Datasheet(PDF) 116 Page - STMicroelectronics

Part # M58PR001LE
Description  256-Mbit, 512-Mbit or 1-Gbit (횞 16, multiple bank, multilevel, burst) 1.8 V supply Flash memories
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58PR001LE Datasheet(HTML) 116 Page - STMicroelectronics

Back Button M58PR001LE Datasheet HTML 111Page - STMicroelectronics M58PR001LE Datasheet HTML 112Page - STMicroelectronics M58PR001LE Datasheet HTML 113Page - STMicroelectronics M58PR001LE Datasheet HTML 114Page - STMicroelectronics M58PR001LE Datasheet HTML 115Page - STMicroelectronics M58PR001LE Datasheet HTML 116Page - STMicroelectronics M58PR001LE Datasheet HTML 117Page - STMicroelectronics M58PR001LE Datasheet HTML 118Page - STMicroelectronics M58PR001LE Datasheet HTML 119Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 116 / 119 page
background image
Command interface state tables
M58PR256LE, M58PR512LE, M58PR001LE
116/119
Note:
1
WP = Word Program, BP = Buffer program, cmd = command, SR = Status Register, pgrm =
program, IS = Illegal state, PS = Program suspend, ES = Erase suspend, CI = Command
Interface, CR = Configuration Register, BEFP = Buffer Enhanced Factory Program, P/E. C.
= Program/Erase Controller, WA0 = Address in a block different from first BEFP address,
ECR = Enhanced Configuration Register.
2
The output state shows the type of data that appears at the outputs if the bank address is
the same as the command address. A bank can be placed in Read Array, Read Status
Register, Read Electronic Signature or Read CFI mode, depending on the command issued.
Each bank remains in its last output state until a new command is issued to that bank. The
next state does not depend on the bank output state.
3
At Power-up, all banks are in Read Array mode. Issuing a Read Array command to a busy
bank results in undetermined data output.
4
The Clear Status Register command clears the Status Register error bits except when the
P/EC is busy or suspended.
5
BEFP is allowed only when Status Register bit SR0 is reset to ‘0’. BEFP is busy if the block
address is the first BEFP address. Any other commands are treated as data.
Table 56.
Command interface states - modify table, next output 2
Current Chip State
command input to chip and resulting chip next state
Clear SR
Read ID
Lock,
CR, ECR
Setup
Lock
EFA
Setup
Blank
Check
OTP
Setup
Lock
Confirm
Lock-
down
Confirm
Write
CR/
ECR
Confirm
Illegal
cmd or
BEFP
Data
50h
90h 98h
60h
64h
BCh
C0h
01h
2Fh
03h 04h
others
BEFP Setup,
BEFP program and verify
busy,
Erase Setup,
Erase EFA setup
OTP Setup,
BP Confirm,
WP setup,
WP setup in ES,
BP confirm in ES,
blank check setup
status read
EFA block WP setup,
EFA block program setup
in ES
EFA block status read
Lock/CR/ECR setup,
Lock/CR/ECR setup in ES
status read
array
read
status
read
EFA block lock setup, EFA
block lock setup in ES
EFA block status read
array
read
EFA
block
status
read
OTP busy
output
state
does not
change
ID read
status
read
EFA
block
status
read
status read
output state does not change
output
state
does not
change
ready, ES, BP suspend, WP
busy, erase busy,
BP busy, blank check busy,
BP busy in ES,
WP suspend, WP busy in
ES, PS in ES,
BP suspend in ES
BP setup,
BP load 1,
BP load 2,
IS
output state does not change



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com