Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F273 Datasheet(PDF) 130 Page - STMicroelectronics

Part # ST10F273
Description  16-bit MCU with 512 Kbyte Flash memory and 36 Kbyte RAM
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F273 Datasheet(HTML) 130 Page - STMicroelectronics

Back Button ST10F273 Datasheet HTML 126Page - STMicroelectronics ST10F273 Datasheet HTML 127Page - STMicroelectronics ST10F273 Datasheet HTML 128Page - STMicroelectronics ST10F273 Datasheet HTML 129Page - STMicroelectronics ST10F273 Datasheet HTML 130Page - STMicroelectronics ST10F273 Datasheet HTML 131Page - STMicroelectronics ST10F273 Datasheet HTML 132Page - STMicroelectronics ST10F273 Datasheet HTML 133Page - STMicroelectronics ST10F273 Datasheet HTML 134Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 179 page
background image
Electrical characteristics
ST10F273
130/179
VOH1 CC
Output high voltage (1)
(P0[15:0], P1[15:0], P2[15:0],
P3[15,13:0], P4[7:0], P7[7:0],
P8[7:0])
IOH1 = – 4 mA
IOH1 = – 0.5 mA
VDD – 0.8
VDD – 0.08
–V
VOH2 CC Output high voltage RPD
IOH2 = – 2 mA
IOH2 = – 750 µA
IOH2 = – 150 µA
0
0.3 VDD
0.5 VDD
–V
|IOZ1 | CC Input leakage current (P5[15:0])
(2)
––
±0.2
µA
|IOZ2 | CC
Input leakage current
(all except P5[15:0], P2[0], RPD, P3[12], P3[15])
––
±0.5
µA
|IOZ3 | CC Input leakage current (P2[0])
(3)
––
+1.0
–0.5
µA
|IOZ4 | CC Input leakage current (RPD)
–
–
±3.0
µA
|IOZ5 | CC Input leakage current ( P3[12], P3[15])
–
–
±1.0
µA
|IOV1 | SR Overload current (all except P2[0])
3) 4)
–
±5
mA
|IOV2 | SR Overload current (P2[0])
(3)
3) 4)
–
+5
–1
mA
RRST CC RSTIN pull-up resistor
100 k
Ω nominal
50
250
k
Ω
IRWH
Read/Write inactive current (4) (5)
VOUT = 2.4 V
–
–40
µA
IRWL
Read/Write active current (4) 7)
VOUT = 0.4V
–500
–
µA
IALEL
ALE inactive current (4) (5)
VOUT = 0.4V
20
–
µA
IALEH
ALE active current (4) 7)
VOUT = 2.4 V
–
300
µA
IP6H
Port 6 inactive current (P6[4:0])(4) (5)
VOUT = 2.4 V
–
–40
µA
IP6L
Port 6 active current (P6[4:0]) (4) (6)
VOUT = 0.4V
–500
–
µA
IP0H
6)
PORT0 configuration current (4)
VIN = 2.0V
–
–10
µA
IP0L
7)
VIN = 0.8V
–100
–
µA
CIO
CC
Pin capacitance
(Digital inputs / outputs)
(3) (5)
–10
pF
ICC1
Run mode power supply current (7)
(execution from internal RAM)
––
20 + 2 fCPU
mA
ICC2
Run mode power supply current (8)(9)
(execution from internal Flash)
––
20 + 1.8
fCPU
mA
IID
Idle mode supply current (10)
––
20 + 0.6 fC
PU
mA
IPD1
Power down supply current(11)
(RTC off, oscillators off, main voltage regulator
off)
TA = 25°C
–
1
mA
Table 64.
DC characteristics (continued)
Symbol
Parameter
Test Condition
Limit Values
Unit
Min.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com