Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F273 Datasheet(PDF) 133 Page - STMicroelectronics

Part # ST10F273
Description  16-bit MCU with 512 Kbyte Flash memory and 36 Kbyte RAM
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F273 Datasheet(HTML) 133 Page - STMicroelectronics

Back Button ST10F273 Datasheet HTML 129Page - STMicroelectronics ST10F273 Datasheet HTML 130Page - STMicroelectronics ST10F273 Datasheet HTML 131Page - STMicroelectronics ST10F273 Datasheet HTML 132Page - STMicroelectronics ST10F273 Datasheet HTML 133Page - STMicroelectronics ST10F273 Datasheet HTML 134Page - STMicroelectronics ST10F273 Datasheet HTML 135Page - STMicroelectronics ST10F273 Datasheet HTML 136Page - STMicroelectronics ST10F273 Datasheet HTML 137Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 179 page
background image
ST10F273
Electrical characteristics
133/179
24.6
Flash characteristics
VDD = 5 V
± 10%, V
SS = 0 V
Table 65.
Flash characteristics
Parameter
Typical
Maximum
Unit
Notes
TA = 25°C
TA = 125°C
0 cycles(1)
1.
The figures are given after about 100 cycles due to testing routines (0 cycles at the final customer).
0 cycles(1)
100k
cycles
Word program (32-bit)(2)
2.
Word and Double Word Programming times are provided as average values derived from a full sector
programming time: absolute value of a Word or Double Word Programming time could be longer than the
average value.
35
80
290
µs–
Double word program
(64-bit)(2)
60
150
570
µs–
Bank 0 program (384K)
(double word program)
2.9
7.4
28.0
s
–
Bank 1 program (128K)
(double word program)
1.0
2.5
9.3
s
–
Sector erase (8K)
0.6
0.5
0.9
0.8
1.0
0.9
s
not preprogrammed
preprogrammed
Sector erase (32K)
1.1
0.8
2.0
1.8
2.7
2.5
s
not preprogrammed
preprogrammed
Sector erase (64K)
1.7
1.3
3.7
3.3
5.1
4.7
s
not preprogrammed
preprogrammed
Bank 0 erase (384K)(3)
3.
Bank Erase is obtained through a multiple Sector Erase operation (setting bits related to all sectors of the
Bank). As ST10F273 implements only one bank, the Bank Erase operation is equivalent to Module and
Chip Erase operations.
8.2
5.8
20.2
17.7
28.6
26.1
s
not preprogrammed
preprogrammed
Bank 1 erase (128K)(3)
3.0
2.2
7.0
6.2
9.8
9.0
s
not preprogrammed
preprogrammed
Recovery from power-down
(tPD)
-40
40
µs
(4)
4.
Not 100% tested, guaranteed by Design Characterization
Program suspend latency(4)
-10
10
µs
Erase suspend latency(4)
-30
30
µs
Erase suspend request rate(4)
20
20
20
ms
Minimum delay
between 2 requests
Set protection(4)
40
170
170
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com