Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F273 Datasheet(PDF) 132 Page - STMicroelectronics

Part # ST10F273
Description  16-bit MCU with 512 Kbyte Flash memory and 36 Kbyte RAM
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F273 Datasheet(HTML) 132 Page - STMicroelectronics

Back Button ST10F273 Datasheet HTML 128Page - STMicroelectronics ST10F273 Datasheet HTML 129Page - STMicroelectronics ST10F273 Datasheet HTML 130Page - STMicroelectronics ST10F273 Datasheet HTML 131Page - STMicroelectronics ST10F273 Datasheet HTML 132Page - STMicroelectronics ST10F273 Datasheet HTML 133Page - STMicroelectronics ST10F273 Datasheet HTML 134Page - STMicroelectronics ST10F273 Datasheet HTML 135Page - STMicroelectronics ST10F273 Datasheet HTML 136Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 179 page
background image
Electrical characteristics
ST10F273
132/179
Figure 35.
Port2 test mode structure
Figure 36.
Supply current versus the operating frequency (RUN and IDLE modes)
10. The Idle mode supply current is a function of the operating frequency (fCPU is expressed in MHz). This dependency is
illustrated in the Figure 35 below. These parameters are tested and at maximum CPU clock with all outputs disconnected
and all inputs at VIL or VIH, RSTIN pin at VIH1Min.
11. This parameter is tested including leakage currents. All inputs (including pins configured as inputs) at 0 V to 0.1 V or at VDD
– 0.1 V to VDD, VAREF = 0 V, all outputs (including pins configured as outputs) disconnected. Besides, the Main Voltage
Regulator is assumed off: in case it is not, additional 1mA shall be assumed. The value for this parameter shall be
considered as “Target Value” to be confirmed by silicon characterization.
12. Overload conditions occur if the standard operating conditions are exceeded, i.e. the voltage on any pin exceeds the
specified range (i.e. VOV > VDD + 0.3 V or VOV < –0.3 V). The absolute sum of input overload currents on all port pins may
not exceed 50mA. The supply voltage must remain within the specified limits.
13. This parameter is tested including leakage currents. All inputs (including pins configured as inputs) at 0 V to 0.1 V or at VDD
– 0.1 V to VDD, VAREF = 0 V, all outputs (including pins configured as outputs) disconnected. Besides, the Main Voltage
Regulator is assumed off: in case it is not, additional 1mA shall be assumed. The value for this parameter shall be
considered as “Target Value” to be confirmed by silicon characterization.
Input
latch
Clock
P2.0
CC0IO
Output
buffer
Test mode
Alternate data input
Fast external interrupt input
Flash sense amplifier
and column decoder
fCPU [MHz]
10
20
50
40
30
50
60
70
0
0
ICC1
ICC2
IID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com