Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F273 Datasheet(PDF) 135 Page - STMicroelectronics

Part # ST10F273
Description  16-bit MCU with 512 Kbyte Flash memory and 36 Kbyte RAM
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F273 Datasheet(HTML) 135 Page - STMicroelectronics

Back Button ST10F273 Datasheet HTML 131Page - STMicroelectronics ST10F273 Datasheet HTML 132Page - STMicroelectronics ST10F273 Datasheet HTML 133Page - STMicroelectronics ST10F273 Datasheet HTML 134Page - STMicroelectronics ST10F273 Datasheet HTML 135Page - STMicroelectronics ST10F273 Datasheet HTML 136Page - STMicroelectronics ST10F273 Datasheet HTML 137Page - STMicroelectronics ST10F273 Datasheet HTML 138Page - STMicroelectronics ST10F273 Datasheet HTML 139Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 179 page
background image
ST10F273
Electrical characteristics
135/179
24.7.1
Conversion timing control
When a conversion is started, first the capacitances of the converter are loaded via the
respective analog input pin to the current analog input voltage. The time to load the
capacitances is referred to as sample time. Next the sampled voltage is converted to a
digital value several successive steps, which correspond to the 10-bit resolution of the ADC.
During these steps the internal capacitances are repeatedly charged and discharged via the
VAREF pin.
The current that has to be drawn from the sources for sampling and changing charges
depends on the time that each respective step takes, because the capacitors must reach
their final voltage level within the given time, at least with a certain approximation. The
maximum current, however, that a source can deliver, depends on its internal resistance.
The time that the two different actions during conversion take (sampling, and converting)
can be programmed within a certain range in the ST10F273 relative to the CPU clock. The
absolute time that is consumed by the different conversion steps therefore is independent
from the general speed of the controller. This allows adjusting the A/D converter of the
ST10F273 to the properties of the system:
Fast Conversion can be achieved by programming the respective times to their absolute
possible minimum. This is preferable for scanning high frequency signals. The internal
resistance of analog source and analog supply must be sufficiently low, however.
High Internal Resistance can be achieved by programming the respective times to a
higher value, or the possible maximum. This is preferable when using analog sources and
supply with a high internal resistance in order to keep the current as low as possible. The
conversion rate in this case may be considerably lower, however.
The conversion times are programmed via the upper four bits of register ADCON. Bit fields
ADCTC and ADSTC are used to define the basic conversion time and in particular the
partition between sample phase and comparison phases. The table below lists the possible
1.
VAREF can be tied to ground when A/D Converter is not in use: an extra consumption (around 200µA) on main VDD is
added due to internal analogue circuitry not completely turned off: so, it is suggested to maintain the VAREF at VDD level
even when not in use, and eventually switch off the A/D Converter circuitry setting bit ADOFF in ADCON register.
2.
VAIN may exceed VAGND or VAREF up to the absolute maximum ratings. However, the conversion result in these cases will
be 0x000H or 0x3FFH, respectively.
3.
Not 100% tested, guaranteed by design characterization.
4.
During the sample time the input capacitance CAIN can be charged/discharged by the external source. The internal
resistance of the analog source must allow the capacitance to reach its final voltage level within tS. After the end of the
sample time tS, changes of the analog input voltage have no effect on the conversion result.
Values for the sample clock tS depends on programming and can be taken from Table 68: A/D converter programming.
5.
This parameter includes the sample time tS, the time for determining the digital result and the time to load the result register
with the conversion result. Values for the conversion clock tCC depend on programming and can be taken from next
Table 68.
6.
DNL, INL, OFS and TUE are tested at VAREF = 5.0 V, VAGND = 0V, VDD = 5.0 V. It is guaranteed by design characterization
for all other voltages within the defined voltage range.
‘LSB’ has a value of VAREF/1024.
For Port5 channels, the specified TUE (± 2LSB) is guaranteed also with an overload condition (see IOV specification)
occurring on maximum 2 not selected analog input pins of Port5 and the absolute sum of input overload currents on all
Port5 analog input pins does not exceed 10 mA.
For Port1 channels, the specified TUE is guaranteed when no overload condition is applied to Port1 pins: when an overload
condition occurs on maximum 2 not selected analog input pins of Port1 and the input positive overload current on all analog
input pins does not exceed 10 mA (either dynamic or static injection), the specified TUE is degraded (± 7LSB). To get the
same accuracy, the negative injection current on Port1 pins shall not exceed -1mA in case of both dynamic and static
injection.
7.
The coupling factor is measured on a channel while an overload condition occurs on the adjacent not selected channels
with the overload current within the different specified ranges (for both positive and negative injection current).
8.
Refer to scheme reported in Figure 38.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com