Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F273 Datasheet(PDF) 138 Page - STMicroelectronics

Part # ST10F273
Description  16-bit MCU with 512 Kbyte Flash memory and 36 Kbyte RAM
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F273 Datasheet(HTML) 138 Page - STMicroelectronics

Back Button ST10F273 Datasheet HTML 134Page - STMicroelectronics ST10F273 Datasheet HTML 135Page - STMicroelectronics ST10F273 Datasheet HTML 136Page - STMicroelectronics ST10F273 Datasheet HTML 137Page - STMicroelectronics ST10F273 Datasheet HTML 138Page - STMicroelectronics ST10F273 Datasheet HTML 139Page - STMicroelectronics ST10F273 Datasheet HTML 140Page - STMicroelectronics ST10F273 Datasheet HTML 141Page - STMicroelectronics ST10F273 Datasheet HTML 142Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 179 page
background image
Electrical characteristics
ST10F273
138/179
Figure 37.
A/D conversion characteristic
24.7.4
Analog reference pins
The accuracy of the A/D converter depends on how accurate is its analog reference: a noise
in the reference results in at least that much error in a conversion. A low pass filter on the
A/D converter reference source (supplied through pins VAREF and VAGND), is recommended
in order to clean the signal, minimizing the noise. A simple capacitive bypassing may be
sufficient in most of the cases; in presence of high RF noise energy, inductors or ferrite
beads may be necessary.
In this architecture, VAREF and VAGND pins represents also the power supply of the analog
circuitry of the A/D converter: there is an effective DC current requirement from the
reference voltage by the internal resistor string in the R-C DAC array and by the rest of the
analog circuitry.
An external resistance on VAREF could introduce error under certain conditions: for this
reasons, series resistance are not advisable, and more in general any series devices in the
filter network should be designed to minimize the DC resistance.
Analog input pins
To improve the accuracy of the A/D converter, it is definitively necessary that analog input
pins have low AC impedance. Placing a capacitor with good high frequency characteristics
at the input pin of the device, can be effective: the capacitor should be as large as possible,
ideally infinite. This capacitor contributes to attenuating the noise present on the input pin;
besides, it sources charge during the sampling phase, when the analog signal source is a
high-impedance source.
(2)
(1)
(3)
(4)
(5)
Offset error OFS
Offset error OFS
Gain error GE
1 LSB (ideal)
VAIN (LSBIDEAL)
[LSBIDEAL = VAREF / 1024]
Digital
out
(HEX)
3FF
3FE
3FD
3FC
3FB
3FA
005
004
003
002
001
000
007
006
(1) Example of an actual transfer curve
(2) The ideal transfer curve
(3) Differential Non-Linearity Error (DNL)
(4) Integral Non-Linearity Error (INL)
(5) Center of a step of the actual transfer curve
(6) Quantization Error (1/2 LSB)
(7) Total Unadjusted Error (TUE)
13
5
7
1024
1022
1020
1018
24
6
(6)
(7)
Bisector characteristic
Ideal characteristic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com