Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F273 Datasheet(PDF) 139 Page - STMicroelectronics

Part # ST10F273
Description  16-bit MCU with 512 Kbyte Flash memory and 36 Kbyte RAM
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F273 Datasheet(HTML) 139 Page - STMicroelectronics

Back Button ST10F273 Datasheet HTML 135Page - STMicroelectronics ST10F273 Datasheet HTML 136Page - STMicroelectronics ST10F273 Datasheet HTML 137Page - STMicroelectronics ST10F273 Datasheet HTML 138Page - STMicroelectronics ST10F273 Datasheet HTML 139Page - STMicroelectronics ST10F273 Datasheet HTML 140Page - STMicroelectronics ST10F273 Datasheet HTML 141Page - STMicroelectronics ST10F273 Datasheet HTML 142Page - STMicroelectronics ST10F273 Datasheet HTML 143Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 179 page
background image
ST10F273
Electrical characteristics
139/179
A real filter, can typically be obtained by using a series resistance with a capacitor on the
input pin (simple RC Filter). The RC filtering may be limited according to the value of source
impedance of the transducer or circuit supplying the analog signal to be measured. The filter
at the input pins must be designed taking into account the dynamic characteristics of the
input signal (bandwidth).
Figure 38.
A/D converter input pins scheme
Input leakage and external circuit
The series resistor utilized to limit the current to a pin (see RL in Figure 38), in combination
with a large source impedance can lead to a degradation of A/D converter accuracy when
input leakage is present.
Data about maximum input leakage current at each pin are provided in the Data Sheet
(Electrical Characteristics section). Input leakage is greatest at high operating temperatures,
and in general it decreases by one half for each 10°C decrease in temperature.
Considering that, for a 10-bit A/D converter one count is about 5mV (assuming VAREF = 5V),
an input leakage of 100nA acting though an RL = 50kΩ of external resistance leads to an
error of exactly one count (5mV); if the resistance were 100k
Ω the error would become two
counts.
Eventual additional leakage due to external clamping diodes must also be taken into
account in computing the total leakage affecting the A/D converter measurements. Another
contribution to the total leakage is represented by the charge sharing effects with the
sampling capacitance: being CS substantially a switched capacitance, with a frequency
equal to the conversion rate of a single channel (maximum when fixed channel continuous
conversion mode is selected), it can be seen as a resistive path to ground. For instance,
assuming a conversion rate of 250 kHz, with CS equal to 4pF, a resistance of 1MΩ is
obtained (REQ = 1 / fCCS, where fC represents the conversion rate at the considered
channel). To minimize the error induced by the voltage partitioning between this resistance
RF
CF
RS
RL
RSW
CP2
CS
VDD
Sampling
Source
Filter
Current limiter
EXTERNAL CIRCUIT
INTERNAL CIRCUIT SCHEME
RS
Source impedance
RF
Filter resistance
CF
Filter capacitance
RL
Current limiter resistance
RSW
Channel selection switch impedance
RAD
Sampling switch impedance
CP
Pin capacitance (two contributions, CP1 and CP2)
CS
Sampling capacitance
CP1
RAD
Channel
selection
VA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com