Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AK4635 Datasheet(PDF) 21 Page - Asahi Kasei Microsystems

Part # AK4635
Description  16-Bit Mono CODEC with ALC & MIC/SPK/Video-AMP
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4635 Datasheet(HTML) 21 Page - Asahi Kasei Microsystems

Back Button AK4635 Datasheet HTML 17Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 18Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 19Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 20Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 21Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 22Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 23Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 24Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 25Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 81 page
background image
[AK4635]
Rev. 0.6
2007/10
- 21 -
FCK
BICK
SDTO
50%DVDD
tBSD
tSDS
SDTI
VIL
tSDH
VIH
tFCKB
tFCKH
MSB
MSB
VIL
VIH
VIL
VIH
BICK
VIL
VIH
(BCKP = "0")
(BCKP = "1")
Figure 13. Audio Interface Timing (PLL Slave mode & DSP mode; MSBS = 0)
FCK
BICK
SDTO
50%DVDD
tBSD
tSDS
SDTI
VIL
tSDH
VIH
tFCKB
tFCKH
MSB
MSB
VIL
VIH
VIL
VIH
BICK
VIL
VIH
(BCKP = "1")
(BCKP = "0")
Figure 14. Audio Interface Timing (PLL Slave mode, DSP mode; MSBS = 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com