Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AK4635 Datasheet(PDF) 45 Page - Asahi Kasei Microsystems

Part # AK4635
Description  16-Bit Mono CODEC with ALC & MIC/SPK/Video-AMP
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4635 Datasheet(HTML) 45 Page - Asahi Kasei Microsystems

Back Button AK4635 Datasheet HTML 41Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 42Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 43Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 44Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 45Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 46Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 47Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 48Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 49Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 81 page
background image
[AK4635]
Rev. 0.6
2007/10
- 45 -
■ ALC Operation
ALC Operation works in ALC block. When ADCPF bit = “1”, ALC operation is enable for recording path. When ADCPF
bit = “0”, ALC operation is enable for playback path. The ON/OFF of ALC operation for recording is controlled by ALC1
bit and the ON/OFF of ALC operation for playback is controlled by ALC2 bit.
1. ALC Limiter Operation
When the ALC limiter is enabled, and output exceeds the ALC limiter detection level (Table 25), the volume value is
attenuated by the amount defined in LMAT1-0 bits (Table 26) automatically.
When the ZELMN bit = “0” (zero crossing detection valid), the VOL value is changed by ALC limiter operation at the
zero crossing point or zero crossing timeout. Zero crossing timeout period is set by ZTM1-0 bit that in common with ALC
recovery zero crossing timeout period’s setting (Table 27).At LFST bit = “1”, VOL value is attenuated 1step immediately
(period : 1/fs) when output Level is over FS(Digital Full Scale).
When the ZELMN bit = “1” (zero crossing detection invalid), VOL value has been changed immediately (period: 1/fs) by
ALC limiter operation. The attenuation for limiter operation is fixed to 1 step and not controlled by setting LMAT1-0 bits.
After finishing the attenuation operation, if ALC bit does not change to “0”, the operation repeats when the output signal
level exceeds the ALC limiter detection level.
LMTH1
LMTH0 ALC Limiter Detection Level
ALC Recovery Waiting Counter Reset Level
0
0
ALC Output
≥ −2.5dBFS
−2.5dBFS > ALC Output ≥ −4.1dBFS
0
1
ALC Output
≥ −4.1dBFS
−4.1dBFS > ALC Output ≥ −6.0dBFS
(default)
1
0
ALC Output
≥ −6.0dBFS
−6.0dBFS > ALC Output ≥ −8.5dBFS
1
1
ALC Output
≥ −8.5dBFS
−8.5dBFS > ALC Output ≥ −12dBFS
Table 25. ALC Limiter Detection Level / Recovery Waiting Counter Reset Level
ALC1 Limiter ATT Step
LMAT1
LMAT0
ALC1 Output
≥ LMTH
ALC1 Output
≥ FS
ALC1 Output
≥ FS + 6dB
ALC1 Output
≥ FS + 12dB
0
0
1
1
1
1
(default)
0
1
2
2
2
2
1
0
2
4
4
8
1
1
1
2
4
8
Table 26. ALC Limiter ATT Step Setting
Zero Crossing Timeout Period
ZTM1
ZTM0
8kHz
16kHz
44.1kHz
0
0
128/fs
16ms
8ms
2.9ms
(default)
0
1
256/fs
32ms
16ms
5.8ms
1
0
512/fs
64ms
32ms
11.6ms
1
1
1024/fs
128ms
64ms
23.2ms
Table 27. ALC Zero Crossing Timeout Period Setting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com