Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AK4635 Datasheet(PDF) 67 Page - Asahi Kasei Microsystems

Part # AK4635
Description  16-Bit Mono CODEC with ALC & MIC/SPK/Video-AMP
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4635 Datasheet(HTML) 67 Page - Asahi Kasei Microsystems

Back Button AK4635 Datasheet HTML 63Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 64Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 65Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 66Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 67Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 68Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 69Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 70Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 71Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 81 page
background image
[AK4635]
Rev. 0.6
2007/10
- 67 -
Addr
Register Name
D7
D6
D5
D4
D3
D2
D1
D0
01H
Power Management 2
PMV
0
0
0
M/S
0
MCKO
PMPLL
R/W
R/W
R
R
R
R/W
R
R/W
R/W
Default
0
0
0
0
0
0
0
0
PMPLL: PLL Block Power Control Select
0: PLL is Power down and External is selected. (default)
1: PLL is Power up and PLL Mode is selected.
MCKO: Master Clock Output Enable
0: “L” Output (default)
1: 256fs Output
M/S: Select Master/ Slave Mode
0: Slave Mode (default)
1: Master Mode
PMV: Video Block Power Control
0: Power down (default)
1: Power up
Addr
Register Name
D7
D6
D5
D4
D3
D2
D1
D0
02H
Signal Select 1
SPOUTE
0
DACS
DACA
MGAIN3
PMMP
MGAIN2
MGAIN0
R/W
R/W
R
R/W
R/W
R/W
R/W
R/W
R/W
Default
0
0
0
0
0
0
0
1
MGAIN3-2: MIC-amp Gain control (Table 20)
MGAIN1 bit is located at D5 bit of 03H. Default: “0001” (+20.0dB)
PMMP: MPI pin Power Control
0: Power down (default)
1: Power up
When PMADC bit is “1”, PMMP bit is enabled.
DACA: Switch Control from DAC to mono line amp
0: OFF (default)
1: ON
When PMAO bit is “1”, DACA bit is enabled. When PMAO bit is “0”, the AOUT pin goes VSS1.
DACS: Switch Control from DAC to Speaker-Amp
0: OFF (default)
1: ON
When DACS bit is “1”, DAC output signal is input to Speaker-Amp.
SPOUTE: Speaker output signal Enable
0: Disable (default)
1: Enable
When SPOUTE bit is “0”, the SPP and SPN pins output VSS3.
When SPOUTE bit is “1”, the SPP and SPN pins output signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com