Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AK4635 Datasheet(PDF) 55 Page - Asahi Kasei Microsystems

Part # AK4635
Description  16-Bit Mono CODEC with ALC & MIC/SPK/Video-AMP
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4635 Datasheet(HTML) 55 Page - Asahi Kasei Microsystems

Back Button AK4635 Datasheet HTML 51Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 52Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 53Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 54Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 55Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 56Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 57Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 58Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 59Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 81 page
background image
[AK4635]
Rev. 0.6
2007/10
- 55 -
■ BEEP Generate
The AK4635 generates and output square wave from speaker amp. After outputting the signal during the time set by
BPON6-0 bits, the AK4635 stops the output signal during the time set by BPOFF6-0 bits (Figure 50). The repeat count is
set by BPTM6-0 bit, and the output level is set by BPLVL2-0 bits. When BPCNT bit is “0”, if BPOUT bit is written “1”,
the AK4635 outputs the beep for the times of repeat count. When the output finish, BPOUT bit is set to “0” automatically.
When BPCNT bit is set to “1”, it outputs the beep in succession regardless of repeat count, on-time and off-time.
< Setting parameter >
1) Output Frequency ( Table 38 ~ Table 40)
2) ON Time (Table 41)
3) OFF Time (Table 42)
4) Repeat Count (Table 43)
5) Output Level (Table 44)
BPFR1-0, BPON7-0, BPOFF7-0, BPTM6-0 and BPLVL3-0 bits should be set when BPOUT =BPCNT
= “0”.
BPCNT bit is given priority in BPOUT bit. When BPOUT bit be set to “1”, if BPCNT bit is set to “0”,
BPOUT bit is set to “0” forcibly.
DAC
Line Out Amp
BEEP
Generator
Class-D SPK-Amp
DATT2
SMUTE
LPF
Figure 49. BEEP signal output path
BEEP Output
ON Time
OFF Time
Repeat Count
Figure 50. Beep output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com