Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AK4635 Datasheet(PDF) 49 Page - Asahi Kasei Microsystems

Part # AK4635
Description  16-Bit Mono CODEC with ALC & MIC/SPK/Video-AMP
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4635 Datasheet(HTML) 49 Page - Asahi Kasei Microsystems

Back Button AK4635 Datasheet HTML 45Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 46Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 47Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 48Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 49Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 50Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 51Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 52Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 53Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 81 page
background image
[AK4635]
Rev. 0.6
2007/10
- 49 -
5. Example of ALC for Playback Operation
Table 35 shows the example of the ALC setting for playback.
fs=8kHz
fs=16kHz
Register Name
Comment
Data
Operation
Data
Operation
LMTH1-0
Limiter detection Level
01
−4.1dBFS
01
−4.1dBFS
ZELM
Limiter zero crossing detection
0
Enable
0
Enable
ZTM1-0
Zero crossing timeout period
00
16ms
01
16ms
WTM2-0
Recovery waiting period
*WTM1-0 bits should be more than or
equal to ZTM1-0 bits
000
16ms
001
16ms
OREF5-0
Maximum gain at recovery operation
28
+6dB
28
+6dB
OVOL7-0
Gain of IVOL
91
0dB
91
0dB
LFST
Fast Limiter Operation
1
ON
1
ON
LMAT1-0
Limiter ATT step
00
1step
00
1step
RGAIN1-0
Recovery GAIN step
00
1 step
00
1 step
ALC2
ALC enable
1
Enable
1
Enable
FRSL1-0
Speed of Fast Recovery
00
4 times
00
4 times
Table 35. Examples of the ALC Setting (Play back)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com