Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AK4635 Datasheet(PDF) 41 Page - Asahi Kasei Microsystems

Part # AK4635
Description  16-Bit Mono CODEC with ALC & MIC/SPK/Video-AMP
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4635 Datasheet(HTML) 41 Page - Asahi Kasei Microsystems

Back Button AK4635 Datasheet HTML 37Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 38Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 39Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 40Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 41Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 42Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 43Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 44Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 45Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 81 page
background image
[AK4635]
Rev. 0.6
2007/10
- 41 -
■ Digital Programmable Filter Circuit
The AK4635 has 2 steps of 1st order HPF, 1st order LPF and 5-band Equalizer built-in in a recording path and a playback
path.
(1) High Pass Filter (HPF)
Normally, this HPF is used as a Wind-Noise Reduction Filter. This is composed with 2 steps of 1st order HPF. The
coefficient of both HPF is the same and set by F1A13-0 bits and F1B13-0 bits. HPFAD bit controls ON/OFF of the 1st
step HPF and HPF bit controls ON/OFF of the 2nd step HPF. When the HPF is OFF, the audio data passes this block by
0dB gain. The coefficient should be set when HPFAD = HPF bits = “0” or PMADC = PMPFIL bits = “0”.
fs : Sampling frequency
fc : Cut-off frequency
Register setting (Note 38)
HPF: F1A[13:0] bits = A, F1B[13:0] bits = B
(MSB = F1A13, F1B13; LSB = F1A0, F1B0)
A =
1
1 + tan (
πfc/fs)
B =
1
− tan (πfc/fs)
1 + tan (
πfc/fs)
,
The cut-off frequency should be set as below.
fc/fs ≥ 0.0001 (fc min = 1.6Hz at 16kHz)
(2) Low Pass Filter(LPF)
This is composed with 1st order LPF. F2A13-0 bits and F2B13-0 bits set the coefficient of LPF. LPF bit controls ON/OFF
of the LPF. When the LPF is OFF, the audio data passes this block by 0dB gain. The coefficient should be set when LPF
bit = “0” or PMPFIL bits = “0”.
fs : Sampling frequency
fc : Cut-off frequency
Register setting (Note 38)
LPF: F2A[13:0] bits =A, F2B[13:0] bits =B
(MSB=F2A13, F1B13; LSB=F2A0, F2B0)
A =
1
1 + 1 / tan (
πfc/fs)
B =
1
− 1 / tan (πfc/fs)
1 + 1 / tan (
πfc/fs)
,
The cut-off frequency should be set as below.
fc/fs ≥ 0.05 (fc min = 2205Hz at 44.1kHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com