Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AK4635 Datasheet(PDF) 11 Page - Asahi Kasei Microsystems

Part # AK4635
Description  16-Bit Mono CODEC with ALC & MIC/SPK/Video-AMP
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4635 Datasheet(HTML) 11 Page - Asahi Kasei Microsystems

Back Button AK4635 Datasheet HTML 7Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 8Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 9Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 10Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 11Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 12Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 13Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 14Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 15Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 81 page
background image
[AK4635]
Rev. 0.6
2007/10
- 11 -
FILTER CHRACTERISTICS
(Ta =
−30 ∼ 85°C; AVDD = 2.8 ∼ 3.6V; DVDD = 1.6 ∼ 3.6V, SVDD = 2.2 ∼ 4.0V; fs=8kHz)
Parameter
Symbol
min
typ
max
Units
ADC Digital Filter (Decimation LPF):
Passband
(Note 26)
±0.16dB
−0.66dB
−1.1dB
−6.9dB
PB
0
-
-
-
-
3.5
3.6
4.0
3.0
-
-
-
kHz
kHz
kHz
kHz
Stopband
(Note 26)
SB
4.7
-
-
kHz
Passband Ripple
PR
-
-
±0.1
dB
Stopband Attenuation
SA
73
-
-
dB
Group Delay
(Note 27)
GD
-
16
-
1/fs
Group Delay Distortion
ΔGD
-
0
-
μs
DAC Digital Filter (Decimation LPF):
Passband
(Note 26)
±0.16dB
−0.54dB
−1.0dB
−6.7dB
PB
0
-
-
-
-
3.5
3.6
4.0
3.0
-
-
-
dB
Stopband
(Note 26)
SB
4.7
-
-
kHz
Passband Ripple
PR
-
-
±0.1
dB
Stopband Attenuation
SA
73
-
-
dB
Group Delay
(Note 27)
GD
-
16
-
1/fs
Group Delay Distortion
ΔGD
-
0
-
μs
DAC Digital Filter + Analog Filter:
Frequency Response: 0
∼ 3.4kHz
FR
-
±1.0
-
dB
Note 26. The passband and stopband frequencies are proportional to fs (system sampling rate).
For example, ADC of PB = 3.6kHz is 0.45*fs (@
−1.0dB). A reference of frequency response is 1kHz.
Note 27. The calculated delay time caused by digital filtering. This time is from the input of analog signal to setting of the
16-bit data of a channel from the input register to the output register of the ADC. For the DAC, this time is from
setting the 16-bit data of a channel from the input register to the output of analog signal. When there is not a
phase change with the IIR filter, the group delay of the programmable filter (primary HPF + primary LPF +
5-band Equalizer + ALC) increases for 2/fs than a value of an above mention.
DC CHRACTERISTICS
(Ta =
−30 ~ 85°C; AVDD = 2.8 ∼ 3.6V, DVDD = 1.6 ∼ 3.6V, SVDD = 2.2 ∼ 4.0V)
Parameter
Symbol
min
typ
max
Units
High-Level Input Voltage
(DVDD ≥ 2.2V)
(DVDD < 2.2V)
Low-Level Input Voltage
(DVDD ≥ 2.2V)
(DVDD < 2.2V)
VIH
VIL
70%DVDD
80%DVDD
-
-
-
-
-
-
-
-
30%DVDD
20%DVDD
V
V
V
V
High-Level Output Voltage
(Iout =
−80μA)
Low-Level Output Voltage
(Except SDA pin: Iout = 80
μA)
(SDA pin, 2.0V
≤ DVDD ≤ 3.6V: Iout = 3mA)
(SDA pin, 1.6V
≤ DVDD < 2.0V: Iout = 3mA)
VOH
VOL1
VOL2
VOL2
DVDD
−0.2
-
-
-
-
-
-
-
-
0.2
0.4
20%DVDD
V
V
V
Input Leakage Current
Iin
-
-
±10
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com