Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AK4635 Datasheet(PDF) 6 Page - Asahi Kasei Microsystems

Part # AK4635
Description  16-Bit Mono CODEC with ALC & MIC/SPK/Video-AMP
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4635 Datasheet(HTML) 6 Page - Asahi Kasei Microsystems

Back Button AK4635 Datasheet HTML 2Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 3Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 4Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 5Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 6Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 7Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 8Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 9Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 10Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 81 page
background image
[AK4635]
Rev. 0.6
2007/10
- 6 -
■ Handling of Unused Pin
The unused I/O pins should be processed appropriately as below.
Classification
Pin Name
Setting
Analog
MIC/MICP, LIN/MICN, MPI, AOUT,
SPP, SPN, VCOC, VIN, VOUT, VSAG
These pins should be open
MCKI, SDTI
These pins should be connected to VSS2
CDTIO
When I2C pin = “H”, These pins should be
connected to VSS2.
Digital
MCKO, SDTO
These pins should be open.
ABSOLUTE MAXIMUM RATINGS
(VSS1-3 =0V; Note 1)
Parameter
Symbol
min
max
Units
Power Supplies:
Analog
Digital
Speaker-Amp
AVDD
DVDD
SVDD
−0.3
−0.3
−0.3
4.6
4.6
4.6
V
V
V
Input Current, Any Pin Except Supplies
IIN
-
±10
mA
Analog Input Voltage (Note 3)
VINA
−0.3
AVDD+0.3
V
Digital Input Voltage (Note 4)
VIND
−0.3
DVDD+0.3
V
Ambient Temperature (powered applied)
Ta
−40
85
°C
Storage Temperature
Tstg
−65
150
°C
Maximum Power Dissipation (Note 2)
Pd
-
400
mW
Note 1. All voltages with respect to ground. VSS21, VSS2 and VSS3 must be connected to the same analog ground plane.
Note 2.When PCB wiring density is 100%. This power is the AK4635 internal dissipation that does not include power of
externally connected speaker.
Note 3. LIN/MICN, MIC/MICP,VIN pins
Note 4. PDN, I2C, CSN/SDA, CCLK/SCL, CDTIO, SDTI, FCK, BICK, MCKI pins
Pull-up resistors at SDA and SCL pins should be connected to (DVDD+0.3)V or less voltage.
WARNING: Operation at or beyond these limits may result in permanent damage to the device.
Normal operation is not guaranteed at these extremes.
RECOMMENDED OPERATING CONDITIONS
(VSS1-3=0V; Note 1)
Parameter
Symbol
Min
typ
max
Units
Power Supplies
(Note 5)
Analog
Digital
Speaker-Amp
AVDD
DVDD
SVDD
2.8 (Note 6)
1.6
2.2
3.3
3.3
3.3
3.6
3.6
4.0
V
V
V
Note 1. All voltages with respect to ground.
Note 5. The power up sequence between AVDD, DVDD and SVDD is not critical. It is not permitted to power DVDD off
when AVDD or SVDD is powered up. When only AVDD or SVDD is powered OFF, the AK4635 must be reset
by bringing the PDN pin “L” after theses power supplies are powered ON again. The power supply current of
DVDD at power-down mode may be increased. DVDD should not be powered OFF while AVDD or SVDD is
powered ON.
Note 6. Video Amp is used (PMV bit = “1”). When Video Amp is not used (PMV bit = “0”), Min. spec of AVDD is 2.2V.
* AKEMD assumes no responsibility for the usage beyond the conditions in this datasheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com