Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AK4635 Datasheet(PDF) 7 Page - Asahi Kasei Microsystems

Part # AK4635
Description  16-Bit Mono CODEC with ALC & MIC/SPK/Video-AMP
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4635 Datasheet(HTML) 7 Page - Asahi Kasei Microsystems

Back Button AK4635 Datasheet HTML 3Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 4Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 5Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 6Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 7Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 8Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 9Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 10Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 11Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 81 page
background image
[AK4635]
Rev. 0.6
2007/10
- 7 -
ANALOG CHRACTERISTICS
(Ta=25
°C; AVDD=DVDD=SVDD=3.3V; VSS1-3 =0V; fs=8kHz, BICK=64fs; Signal Frequency=1kHz; 16bit Data;
Measurement frequency=20Hz
∼ 3.4kHz; EXT Slave Mode; unless otherwise specified)
Parameter
min
typ
max
Units
MIC Amplifier: MIC, LIN pins ; MDIF bit = “0”; (Single-ended input)
Input Resistance
20
30
40
k
Ω
Gain
(MGAIN3-0 bits = “0000”)
-
0
-
dB
(MGAIN3-0 bits = “0001”)
-
20
-
dB
(MGAIN3-0 bits = “0010”)
-
26
-
dB
(MGAIN3-0 bits = “0011”)
-
32
-
dB
(MGAIN3-0 bits = “0100”)
-
10
-
dB
(MGAIN3-0 bits = “0101”)
-
17
-
dB
(MGAIN3-0 bits = “0110”)
-
23
-
dB
(MGAIN3-0 bits = “0111”)
-
29
-
dB
(MGAIN3-0 bits = “1000”)
-
3
-
dB
(MGAIN3-0 bits = “1001”)
-
6
-
dB
MIC Amplifier: MICP, MICN pins ; MDIF bit = “1”; (Full-differential input)
Input Voltage
(MGAIN3-0 bits = “0001”)
-
-
0.228
Vpp
(Note 7)
(MGAIN3-0 bits = “0010”)
-
-
0.114
Vpp
(MGAIN3-0 bits = “0011”)
-
-
0.057
Vpp
(MGAIN3-0 bits = “0100”)
-
-
0.720
Vpp
(MGAIN3-0 bits = “0101”)
-
-
0.322
Vpp
(MGAIN3-0 bits = “0110”)
-
-
0.161
Vpp
(MGAIN3-0 bits = “0111”)
0.080
Vpp
(MGAIN3-0 bits = “1001”)
-
-
1.14
Vpp
MIC Power Supply: MPI pin
Output Voltage
(Note 8)
TBD
2.64
TBD
V
Load Resistance
2
-
-
k
Ω
Load Capacitance
-
-
30
pF
ADC Analog Input Characteristics: MIC/LIN
ADC, MIC Gain=20dB, IVOL=0dB, ALC1bit = “0”
Resolution
-
-
16
Bits
Input Voltage (MIC Gain = 20dB) (Note 9)
TBD
0.198
TBD
Vpp
S/(N+D)
(
−1dBFS) (Note 10)
TBD
84
-
dB
D-Range
(
−60dBFS)
TBD
86
-
dB
S/N
TBD
86
-
dB
DAC Characteristics:
Resolution
16
Bits
Mono Line Output Characteristics: AOUT pin, DAC
→ AOUT, RL=10kΩ
Output Voltage (Note 11) LOVL bit = “0”
TBD
1.98
TBD
Vpp
LOVL bit = “1”
TBD
2.50
TBD
Vpp
S/(N+D)
(0dBFS) (Note 10)
TBD
85
-
dB
D-Range
(-60dBFS)
TBD
93
-
dB
S/N
TBD
93
-
dB
Load Resistance
10
-
-
k
Ω
Load Capacitance
-
-
30
pF
Speaker-Amp Characteristics: SDTI
SPP/SPN pins, ALC2 bit = “0”, SPKG bit = “0”, RL=8Ω + 10μH,
BTL, SVDD=3.3V
Output Power (0dBFS)
(Note 12)
-
400
-
mW
S/(N+D)
400mW Output
-
20
-
dB
150mW Output
-
55
-
dB
Output Noise Level
TBD
-80
-
dBV
Load Resistance
8
-
-
Ω
Load Capacitance
-
-
30
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com