Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AK4635 Datasheet(PDF) 39 Page - Asahi Kasei Microsystems

Part # AK4635
Description  16-Bit Mono CODEC with ALC & MIC/SPK/Video-AMP
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4635 Datasheet(HTML) 39 Page - Asahi Kasei Microsystems

Back Button AK4635 Datasheet HTML 35Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 36Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 37Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 38Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 39Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 40Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 41Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 42Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 43Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 81 page
background image
[AK4635]
Rev. 0.6
2007/10
- 39 -
■ Digital Block
The digital block consists of block diagram as shown in Figure 39. The AK4635 can choose various signal processing on
a recording path or a playback path by setting ADCPF bit, PFDAC bit and PFSDO bit. (Figure 39 ~ Figure 42, Table 21)
DAC
1st Order
HPF
ADC
ALC
(Volume)
DATT
SMUTE
SDTI
ADCPF bit
“1”
“0”
5 Band
EQ
1st Order
HPF
PFDAC bit
“1”
“0”
PFSDO bit
“0”
“1”
SDTO
HPF bit
EQ5-1 bits
HPFAD bit
PMPFIL bit
PMDAC bit
PMADC bit
1st Order
LPF
LPF bit
(1) ADC: Include the Digital Filter (LPF) for ADC as shown in “FILTER CHRACTERISTICS”.
(2) DAC: Include the Digital Filter (LPF) for DAC as shown in “FILTER CHRACTERISTICS”.
(3) HPF: High Pass Filter. Applicable to use as Wind-Noise Reduction Filter. (See “Programmable Filter”.)
(4) LPF: Low Pass Filter (See “Digital Programmable Filter”.)
(5) 5-Band EQ: Applicable to use as Equalizer or Notch Filter. (See “Digital Programmable Filter”.)
(6) ALC: Input Digital Volume with ALC function. (See “Input Digital Volume” and “ALC”.)
(7) DATT: 4-step Digital Volume for recording path. (See “Digital Volume 2”)
(8) SMUTE: Soft mute. (See “Soft Mute”.)
Figure 39. Digital Block Path Select



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com