Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AK4635 Datasheet(PDF) 51 Page - Asahi Kasei Microsystems

Part # AK4635
Description  16-Bit Mono CODEC with ALC & MIC/SPK/Video-AMP
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4635 Datasheet(HTML) 51 Page - Asahi Kasei Microsystems

Back Button AK4635 Datasheet HTML 47Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 48Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 49Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 50Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 51Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 52Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 53Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 54Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 55Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 81 page
background image
[AK4635]
Rev. 0.6
2007/10
- 51 -
■ SOFTMUTE
Soft mute operation is performed in the digital input domain. When the SMUTE bit changes to “1”, the input signal is
attenuated by
−∞ (“0”) during the cycle of 245/fs (31msec@fs=8kHz). When the SMUTE bit is returned to “0”, the mute
is cancelled and the input attenuation gradually changes to 0dB during the cycle of 245/fs (31msec@fs=8kHz). If the soft
mute is cancelled within the cycle of 245/fs (31msec@fs=8kHz), the attenuation is discontinued and returned to 0dB. The
soft mute for Playback operation is effective for changing the signal source without stopping the signal transmission.
SM U T E bit
A ttenuation
24 5/fs
0dB
-
∞
245 /fs
GD
GD
(1)
(2)
(3)
A nalog O utput
Figure 44. Soft Mute Function
(1) The input signal is attenuated by
−∞ (“0”) during the cycle of 245/fs (31msec@fs=8kHz).
(2) Analog output corresponding to digital input has the group delay (GD).
(3) If the soft mute is cancelled within the cycle of 245/fs (31msec@fs=8kHz), the attenuation is discounted and returned
to 0dB within the same cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com