Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL830 Datasheet(PDF) 9 Page - GENESYS LOGIC

Part # GL830
Description  USB 2.0 to SATA Bridge Controller
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL830 Datasheet(HTML) 9 Page - GENESYS LOGIC

Back Button GL830 Datasheet HTML 5Page - GENESYS LOGIC GL830 Datasheet HTML 6Page - GENESYS LOGIC GL830 Datasheet HTML 7Page - GENESYS LOGIC GL830 Datasheet HTML 8Page - GENESYS LOGIC GL830 Datasheet HTML 9Page - GENESYS LOGIC GL830 Datasheet HTML 10Page - GENESYS LOGIC GL830 Datasheet HTML 11Page - GENESYS LOGIC GL830 Datasheet HTML 12Page - GENESYS LOGIC GL830 Datasheet HTML 13Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
GL830 USB2.0 to SATA Bridge Controller
©2007 Genesys Logic Inc. - All rights reserved.
Page 9
CHAPTER 2
FEATURES
· Complies with Universal Serial Bus specification rev. 2.0.
· Complies with USB Storage Class specification ver.1.0. (Bulk only protocol)
· Operating system supported: Win Vista/ Win XP / 2000 / Me / 98 / 98SE; Mac OS 9.X / X.
· Integrated USB 2.0 Transceiver Macrocell Interface (UTMI) transceiver and Serial Interface Engine (SIE).
· Support 4 endpoints: Control (0) / Bulk Read (1) / Bulk Write (2) / Interrupt (3).
· 64 / 512 bytes Data Payload for full / high speed Bulk Endpoint.
· Complies with Serial ATA specification rev. 2.6.
· Support SATA hot-plug
· Support Spread Spectrum Clocking to reduce EMI
· Support Partial/Slumber power management
· Provide adjustable TX signal amplitude and pre-emphasis level
· Provide specified OOB signal detection and transmission
· Embedded Turbo 8051.
· ROM size: 12k words; RAM size: 1280 bytes. (Bulk Buffer: 512 words, MC RAM: 256 bytes)
· Supports Power Down mode and USB suspend indicator.
· Supports USB 2.0 TEST mode features.
· Supports 4 PIO and 4GPIO for programmable AP.
· Supports device power control for power on/off when running suspend mode.
· Provides LED indicator for Full Speed and High Speed .
· using 25 MHz external clock to provide better EMI.
· 3.3V power input; 5V tolerance pad.
· Supports Wakeup ability.
· Embedded Regulator (3.3V to 1.8V).
· Embedded Regulator (5V to 3.3V).
· Provides SPI interface for Finger Print (only for 64 pin package).
· Available in 48/64/128-pin LQFP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com